Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKD91-06A Datasheet(PDF) 3 Page - International Rectifier

Part # IRKD91-06A
Description  STANDARD DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD91-06A Datasheet(HTML) 3 Page - International Rectifier

  IRKD91-06A Datasheet HTML 1Page - International Rectifier IRKD91-06A Datasheet HTML 2Page - International Rectifier IRKD91-06A Datasheet HTML 3Page - International Rectifier IRKD91-06A Datasheet HTML 4Page - International Rectifier IRKD91-06A Datasheet HTML 5Page - International Rectifier IRKD91-06A Datasheet HTML 6Page - International Rectifier IRKD91-06A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRK.91 Series
3
Bulletin I27141 rev. F 10/02
www.irf.com
T
J
Max. junction operating temperature range
-40 to 150
T
stg
Storage temperature range
-40 to 150
RthJC
Max. thermal resistance, junction to case
0.35
Per junction, DC operation
RthCS
Typical thermal resistance, case to heatsink
0.1
Mounting surface flat, smooth and greased
T
Mounting torque ±10%
to heatsink
5
busbar
4
wt
Approximate weight
110 (4)
g (oz)
Case style
TO-240AA
JEDEC
Parameter
IRK.91
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
A mounting compound is recommended and the
torque should be rechecked after a period of 3 hours
to allow for the spread of the compound
Nm
Sine half wave conduction
Rect. wave conduction
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.91
0.052
0.064
0.082
0.112
0.164
0.043
0.069
0.088
0.115
0.165
°C/W
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
IRK
D
91
/
16
A
1
2
3
Device Code
4
Ordering Information Table
1
-
Module type
2
-
Circuit configuration (See Circuit Configuration Table)
3
-
Current code
4
-
Voltage code (See Voltage Ratings Table)
5
-
A: Gen V
5


Similar Part No. - IRKD91-06A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD91 IRF-IRKD91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91 IRF-IRKD91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91/04A IRF-IRKD91/04A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91/06A IRF-IRKD91/06A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91/08A IRF-IRKD91/08A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
More results

Similar Description - IRKD91-06A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250_18 Datasheet
663Kb / 4P
   Standard Diodes
logo
Vishay Siliconix
VSKD600-08 VISHAY-VSKD600-08_15 Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
logo
Nell Semiconductor Co.,...
NKD350 NELLSEMI-NKD350_17 Datasheet
649Kb / 4P
   Standard Diodes
NKD250 NELLSEMI-NKD250 Datasheet
487Kb / 4P
   Standard Diodes
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com