Electronic Components Datasheet Search |
|
TMP1075DGKT Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TMP1075DGKT Datasheet(HTML) 8 Page - Texas Instruments |
8 / 26 page 8 TMP1075 SBOS854 – MARCH 2018 www.ti.com Product Folder Links: TMP1075 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated 7.3 Feature Description 7.3.1 Digital Temperature Output The digital output from each temperature measurement conversion is stored in the read-only Temperature register. The Temperature register of the TMP1075 is a 12-bit read-only register that stores the output of the most recent conversion. Two bytes must be read to obtain data, and are listed in Table 6 and . The first 12 bits are used to indicate temperature with all remaining bits equal to zero. Data format for temperature is listed in . Negative numbers are represented in binary twos complement format. Following power-up or reset, the Temperature register reads 0°C until the first conversion is complete. Table 1. Temperature Data Format TEMPERATURE (°C) DIGITAL OUTPUT BINARY HEX 127.9375 0111 1111 1111 7FF 100 0110 0100 0000 640 80 0101 0000 0000 500 75 0100 1011 0000 4B0 50 0011 0010 0000 320 25 0001 1001 0000 190 0.25 0000 0000 0100 004 0.0625 0000 0000 0001 001 0 0000 0000 0000 000 -0.0625 1111 1111 1111 FFF -0.25 1111 1111 1100 FFC -25 1110 0111 0000 E70 -50 1100 1110 0000 CE0 7.3.2 Serial Interface The TMP1075 operate only as slave devices on the SMBus, two-wire, and I2C interface-compatible bus. Connections to the bus are made through the open-drain I/O lines SDA and SCL. The SDA and SCL pins feature integrated spike suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP1075 support the transmission protocol for fast (up to 400 kHz) and high-speed (up to 2 MHz) modes. All data bytes are transmitted MSB first. 7.3.2.1 Bus Overview The device that initiates the transfer is called a master, and the devices controlled by the master are slaves. The bus must be controlled by a master device that generates the serial clock (SCL), controls the bus access, and generates the START and STOP conditions. To address a specific device, a START condition is initiated, indicated by pulling the data line (SDA) from a high to low logic level when SCL is high. All slaves on the bus shift in the slave address byte, with the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the slave being addressed responds to the master by generating an Acknowledge and pulling SDA low. Data transfer is then initiated and sent over eight clock pulses followed by an Acknowledge bit. During data transfer SDA must remain stable when SCL is high because any change in SDA when SCL is high is interpreted as a control signal. When all data are transferred, the master generates a STOP condition indicated by pulling SDA from low to high when SCL is high. 7.3.2.2 Serial Bus Address To communicate with the TMP1075, the master must first address slave devices through a slave address byte. The slave address byte consists of seven address bits, and a direction bit indicating the intent of executing a read or write operation. |
Similar Part No. - TMP1075DGKT |
|
Similar Description - TMP1075DGKT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |