Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8834AEEV270Y Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8834AEEV270Y
Description  High PSRR, 150mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8834AEEV270Y Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8834AEEV270Y Datasheet HTML 1Page - Analog Microelectronics AME8834AEEV270Y Datasheet HTML 2Page - Analog Microelectronics AME8834AEEV270Y Datasheet HTML 3Page - Analog Microelectronics AME8834AEEV270Y Datasheet HTML 4Page - Analog Microelectronics AME8834AEEV270Y Datasheet HTML 5Page - Analog Microelectronics AME8834AEEV270Y Datasheet HTML 6Page - Analog Microelectronics AME8834AEEV270Y Datasheet HTML 7Page - Analog Microelectronics AME8834AEEV270Y Datasheet HTML 8Page - Analog Microelectronics AME8834AEEV270Y Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AME, Inc.
3
AME8833/8834
High PSRR, 150mA CMOS LDO
n Ordering Information
Operating Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
AME8833 x x x x x x
Voltage
A: 1. VIN
E: -40OC to 85OC
E: SOT-2X
V: 5
180: V=1.8V
L: Low profile
2. GND
I: SC-70
200: V=2.0V
Y: Lead free & Low profile
3. SHDN
250: V=2.5V
Z: Lead free
4. NC
270: V=2.7V
5. VOUT
280: V=2.8V
285: V=2.85V
B: 1. VOUT
300: V=3.0V
2. GND
320: V=3.2V
3. VIN
330: V=3.3V
4. SHDN
5. NC
Special Feature
Pin
Configuration
Voltage
Operating
Temperature
Range
Package Type
Number
of
Pins


Similar Part No. - AME8834AEEV270Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8834 AME-AME8834 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
More results

Similar Description - AME8834AEEV270Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com