Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6609A Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SL6609A
Description  DIRECT CONVERSION FSK DATA RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6609A Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL6609A Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6609A Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6609A Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6609A Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6609A Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6609A Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6609A Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6609A Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6609A Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SL6609A
3
V
V
µA
µA
µA
µA
dB
V
µA
0.05
6
65
Max
0.3
1
8
1
500
1
41
85
10
10
10
10
20
11
11
24, 26
3, 5
3, 5
28
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated:
Tamb = 25°C, VCC1 = 1.3V, VCC2 = 2.7V
Characteristics
Pin
Comments
Value
Units
Typ
Min
(V
CC2 - 0.3)
50
34
45
Battery Economy
Input logic high
Input logic low
Input current
Input current
Battery Flag Input
Input current
Battery Flag Output
Battfl Sink Current
Battfl leakage current
Mixers
Gain to "IF Test"
RF input impedance
LO input impedance
LO DC bias voltage
Audio AGC
Max Audio AGC Sink Current
Powered Up
Powered Down
Powered Up
Powered down transient initial
µA
(VBATT-VR) > 20mV
(VBATT-VR) < -20mV
LO inputs driven in parallel with
50mVRMS @ 50MHz.IF = 2kHz
See Figs.8a, 8b
See Fig.9
Equal to Pin 21 (VCC1)
Min
-130
52
68
-128
56
73
+/-2.3
+/-2.2
dBm
dB
dB
kHz
kHz
Sensitivity
Intermodulation
Adjacent channel
Centre frequency acceptance
Deviation acceptance
Characteristics
Pin
Comments
Max
-125
Typ
Value
Units
1200 bps
∆f = 4kHz
LO = -18dBm
1200 bps
∆f = 4kHz
LO = -18dBm
1200 bps
∆f = 4kHz
LO = -18dBm
Channel spacing 25kHz
1200 bps
∆f = 4kHz
LO = -18dBm
1200 bps
∆f = 4kHz
LO = -18dBm
RECEIVER CHARACTERISTICS (GPS Demonstration board)
Measurement conditions unless stated VCC1 = 1.3V, VCC2 = 2.7V, LNA = 18dB Power Gain, 2dB Noise figure,
Carrier frequency 153MHz, BER 1 in 30, Tamb = 25°C
(TPx/TPy typically:- 160mV
PP ± 10% for - 73dBm RF input to the LNA)


Similar Part No. - SL6609A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
SL6609AKGNPDE MITEL-SL6609AKGNPDE Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
SL6609AKGNPDS MITEL-SL6609AKGNPDS Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
More results

Similar Description - SL6609A

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com