Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G86GM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC1G86GM
Description  2-input EXCLUSIVE-OR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G86GM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G86GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G86GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G86GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G86GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G86GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G86GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G86GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G86GM Datasheet HTML 12Page - NXP Semiconductors 74LVC1G86GM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2004 Sep 08
9
Philips Semiconductors
Product specification
2-input EXCLUSIVE-OR gate
74LVC1G86
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.0 ns.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C
tPHL/tPLH
propagation delay
inputs A and B to
output Y
see Figs 6 and 7
1.65 to 1.95
1.0
3.7
9.9
V
2.3 to 2.7
0.5
2.5
5.5
V
2.7
0.5
2.8
5.8
V
3.0 to 3.6
0.5
2.3
5.0
V
4.5 to 5.5
0.5
1.9
4.0
V
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay
inputs A and B to
output Y
see Figs 6 and 7
1.65 to 1.95
1.0
13.0
V
2.3 to 2.7
0.5
7.0
V
2.7
0.5
7.5
V
3.0 to 3.6
0.5
6.5
V
4.5 to 5.5
0.5
5.5
V
handbook, halfpage
MNA041
tPHL
tPLH
VM
VM
A, B input
Y output
Fig.6 The inputs A and B to output Y propagation delay times.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.65 V to 1.95 V
0.5
× VCC VCC
≤ 2.0 ns
2.3 V to 2.7 V
0.5
× VCC VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 V to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
4.5 V to 5.5 V
0.5
× VCC VCC
≤ 2.5 ns


Similar Part No. - 74LVC1G86GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G86GM NXP-74LVC1G86GM Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Nexperia B.V. All right...
74LVC1G86GM NEXPERIA-74LVC1G86GM Datasheet
255Kb / 16P
   2-input EXCLUSIVE-OR gate
Rev. 13 - 7 January 2022
More results

Similar Description - 74LVC1G86GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G86GW.125 NXP-74HC1G86GW.125 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
   2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
   2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
   2-input EXCLUSIVE-OR gate
2002 Jun 06
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
   2-input Exclusive OR Gate
logo
Hitachi Semiconductor
HD74ALVC1G86 HITACHI-HD74ALVC1G86 Datasheet
37Kb / 10P
   2-input Exclusive-OR Gate
logo
NXP Semiconductors
74HC1G86 PHILIPS-74HC1G86 Datasheet
78Kb / 12P
   2-input EXCLUSIVE-OR gate
1998 Aug 05
74LVC1G86 PHILIPS-74LVC1G86 Datasheet
69Kb / 12P
   2-input EXCLUSIVE-OR gate
2001 Apr 06
74HC1G86 NXP-74HC1G86 Datasheet
77Kb / 11P
   2-input EXCLUSIVE-OR gate
Rev. 04-20 July 2007
74LVC1G86 NXP-74LVC1G86 Datasheet
87Kb / 14P
   2-input EXCLUSIVE-OR gate
Rev. 06-18 July 2007
logo
Renesas Technology Corp
HD74LV1G86A RENESAS-HD74LV1G86A_08 Datasheet
110Kb / 8P
   2-input Exclusive-OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com