Electronic Components Datasheet Search |
|
AME8833AEEV285Z Datasheet(PDF) 5 Page - Analog Microelectronics |
|
AME8833AEEV285Z Datasheet(HTML) 5 Page - Analog Microelectronics |
5 / 14 page AME, Inc. 5 AME8833/8834 High PSRR, 150mA CMOS LDO n Ordering Information Note: w represents date code ( A thru Z ) : 2 work weeks per character. Part Number Marking Output Voltage Package Operating Temp. Range AME8833AEIV180 AWAw 1.8V SC-70 - 40 oC to + 85oC AME8833AEIV250 AWBw 2.5V SC-70 - 40 oC to + 85oC AME8833AEIV270 AXFw 2.7V SC-70 - 40 oC to + 85oC AME8833AEIV280 AWDw 2.8V SC-70 - 40 oC to + 85oC AME8833AEIV285 AVZw 2.85V SC-70 - 40 oC to + 85oC AME8833AEIV300 AWEw 3.0V SC-70 - 40 oC to + 85oC AME8833AEIV320 AXGw 3.2V SC-70 - 40 oC to + 85oC AME8833AEIV330 AWCw 3.3V SC-70 - 40 oC to + 85oC AME8833AEEV180L AWMww 1.8V SOT-25 - 40 oC to + 85oC AME8833AEEV250L AWNww 2.5V SOT-25 - 40 oC to + 85oC AME8833AEEV270L AXEww 2.7V SOT-25 - 40 oC to + 85oC AME8833AEEV280L AWOww 2.8V SOT-25 - 40 oC to + 85oC AME8833AEEV285L AWPww 2.85V SOT-25 - 40 oC to + 85oC AME8833AEEV300L AWQww 3.0V SOT-25 - 40 oC to + 85oC AME8833AEEV330L AWRww 3.3V SOT-25 - 40 oC to + 85oC AME8833AEIV180Z AWAw 1.8V SC-70 - 40 oC to + 85oC AME8833AEIV250Z AWBw 2.5V SC-70 - 40 oC to + 85oC AME8833AEIV280Z AWDw 2.8V SC-70 - 40 oC to + 85oC AME8833AEIV285Z AVZw 2.85V SC-70 - 40 oC to + 85oC AME8833AEIV300Z AWEw 3.0V SC-70 - 40 oC to + 85oC AME8833AEIV330Z AWCw 3.3V SC-70 - 40 oC to + 85oC AME8834AEIVADJ AWJw Adjustable SC-70 - 40 oC to + 85oC Please consult AME sales office or authorized Rep./Distributor for other output voltage and package type availability. |
Similar Part No. - AME8833AEEV285Z |
|
Similar Description - AME8833AEEV285Z |