Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8383ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD8383ACPZ
Description  Low Cost 10-Bit, 6-Channel Output Decimating LCD DecDriver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8383ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8383ACPZ Datasheet HTML 3Page - Analog Devices AD8383ACPZ Datasheet HTML 4Page - Analog Devices AD8383ACPZ Datasheet HTML 5Page - Analog Devices AD8383ACPZ Datasheet HTML 6Page - Analog Devices AD8383ACPZ Datasheet HTML 7Page - Analog Devices AD8383ACPZ Datasheet HTML 8Page - Analog Devices AD8383ACPZ Datasheet HTML 9Page - Analog Devices AD8383ACPZ Datasheet HTML 10Page - Analog Devices AD8383ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8383
Rev. 0 | Page 7 of 16
TIMING DIAGRAMS
CLK
DB(0:9)
STSQ
XFR
VTH = 1.65V
VTH = 1.65V
VTH = 1.65V
VTH = 1.65V
tCLK LOW
tCLK HIGH
tHOLD
tSKEW
tSETUP
tSETUP
tHOLD
Figure 3. Timing Diagram, Even Mode (E/O = HIGH)
CLK
DB(0:9)
STSQ
XFR
VTH = 1.65V
VTH = 1.65V
VTH = 1.65V
VTH = 1.65V
tCLK LOW
tCLK HIGH
tHOLD
tHOLD
tSETUP
tSETUP
tSKEW
tHOLD
tSETUP
Figure 4. Timing Diagram, Odd Mode (E/O = LOW)


Similar Part No. - AD8383ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
   Low Cost 10-Bit, 6-Channel Output
REV. 0
More results

Similar Description - AD8383ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8382 AD-AD8382 Datasheet
864Kb / 24P
   High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
REV. 0
AD8384 AD-AD8384 Datasheet
470Kb / 24P
   10-Bit, 6-Channel Decimating LCD DecDriver-R with Level Shifters
REV. 0
AD8385 AD-AD8385 Datasheet
767Kb / 24P
   10-Bit, 12-Channel Decimating LCD DECDRIVER with Level Shifters
REV. 0
AD8380 AD-AD8380 Datasheet
219Kb / 16P
   Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8387 AD-AD8387 Datasheet
396Kb / 16P
   High Performance, 12-Bit, 12-Channel Decimating, LCD DecDriver
REV. 0
AD8381JSTZ AD-AD8381JSTZ Datasheet
290Kb / 16P
   Fast, High Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver
REV. B
AD8386 AD-AD8386 Datasheet
380Kb / 20P
   10-Bit, 12-Channel Output Decimating LCD Driver
REV. 0
AD8384 AD-AD8384_15 Datasheet
734Kb / 24P
   10-Bit, 6-Channel Decimating
REV. 0
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
   Low Cost 10-Bit, 6-Channel Output
REV. 0
AD8385 AD-AD8385_15 Datasheet
768Kb / 24P
   10-Bit, 12-Channel Decimating
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com