Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9480BSUZ-2501 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9480BSUZ-2501
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480BSUZ-2501 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9480BSUZ-2501 Datasheet HTML 3Page - Analog Devices AD9480BSUZ-2501 Datasheet HTML 4Page - Analog Devices AD9480BSUZ-2501 Datasheet HTML 5Page - Analog Devices AD9480BSUZ-2501 Datasheet HTML 6Page - Analog Devices AD9480BSUZ-2501 Datasheet HTML 7Page - Analog Devices AD9480BSUZ-2501 Datasheet HTML 8Page - Analog Devices AD9480BSUZ-2501 Datasheet HTML 9Page - Analog Devices AD9480BSUZ-2501 Datasheet HTML 10Page - Analog Devices AD9480BSUZ-2501 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD9480
Rev. 0 | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Thermal impedance (θja) = 46.4 C/W (4-layer PCB)
Table 5.
Parameter
Min Rating
Max Rating
ELECTRICAL
AVDD
(With respect to AGND)
−0.5 V
4.0 V
DRVDD
(With respect to DRGND)
−0.5 V
4.0 V
AGND
(With respect to DRGND)
−0.5 V
0.5 V
Digital I/O
(With respect to DRGND)
−0.5 V
DRVDD + 0.5 V
Analog Inputs
(With respect to AGND)
−0.5 V
AVDD + 0.5 V
ENVIRONMENTAL
Operating Temperature
−40
°C
85
°C
Junction Temperature
150
°C
Case Temperature
150
°C
Storage Temperature
150
°C
EXPLANATION OF TEST LEVELS
Table 6.
Level
Description
I
100% production tested.
II
100% production tested at 25
°C and guaranteed
by design and characterization at specified
temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and
characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25
°C and guaranteed
by design and characterization for industrial
temperature range.
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD9480BSUZ-2501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480BSUZ-2501 AD-AD9480BSUZ-2501 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
More results

Similar Description - AD9480BSUZ-2501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com