Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9480ASUZ-2501 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9480ASUZ-2501
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480ASUZ-2501 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9480ASUZ-2501 Datasheet HTML 5Page - Analog Devices AD9480ASUZ-2501 Datasheet HTML 6Page - Analog Devices AD9480ASUZ-2501 Datasheet HTML 7Page - Analog Devices AD9480ASUZ-2501 Datasheet HTML 8Page - Analog Devices AD9480ASUZ-2501 Datasheet HTML 9Page - Analog Devices AD9480ASUZ-2501 Datasheet HTML 10Page - Analog Devices AD9480ASUZ-2501 Datasheet HTML 11Page - Analog Devices AD9480ASUZ-2501 Datasheet HTML 12Page - Analog Devices AD9480ASUZ-2501 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD9480
Rev. 0 | Page 9 of 28
DEFINITIONS
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
Aperture Delay
The delay between the 50% point of the rising edge of the
ENCODE command and the instant the analog input is
sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Clock Pulse Width/Duty Cycle
Pulse width high is the minimum amount of time that the clock
pulse should be left in a Logic 1 state to achieve rated
performance; pulse width low is the minimum time clock pulse
should be left in a low state. See timing implications of changing
tEH in the section Clocking the AD9480. At a given clock rate,
these specifications define an acceptable clock duty cycle.
Crosstalk
Coupling onto one channel being driven by a low level
(−40 dBFS) signal when the adjacent interfering channel
is driven by a full-scale signal.
Differential Analog Input Resistance,
Differential Analog Input Capacitance,
and Differential Analog Input Impedance
The real and complex impedances measured at each analog
input port. The resistance is measured statically and the
capacitance and differential input impedances are measured
with a network analyzer.
Differential Analog Input Voltage Range
The peak-to-peak differential voltage that must be applied to
the converter to generate a full-scale response. Peak differential
voltage is computed by observing the voltage on a single pin
and subtracting the voltage from the other pin, which is 180°
out of phase. Peak to peak differential is computed by rotating
the inputs phase 180° and taking the peak measurement again.
Then the difference is computed between both peak
measurements.
Differential Nonlinearity
The deviation of any code width from an ideal 1 LSB step.
Effective Number of Bits
The effective number of bits (ENOB) is calculated from the
measured SINAD based on the equation (assuming full-scale
input)
6.02
dB
76
.
1
=
MEASURED
SINAD
ENOB
Full-Scale Input Power
Expressed in dBm. Computed using the following equation:
=
001
.
0
log
10
2
INPUT
FULLSCALE
FULLSCALE
Z
rms
V
Power
Gain Error
Gain error is the difference between the measured and ideal
full-scale input voltage range of the ADC.
Harmonic Distortion, Second
The ratio of the rms signal amplitude to the rms value of the
second harmonic component, reported in dBc.
Harmonic Distortion, Third
The ratio of the rms signal amplitude to the rms value of the
third harmonic component, reported in dBc.
Integral Nonlinearity
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a best straight line
determined by a least square curve fit.
Minimum Conversion Rate
The encode rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed
limit.
Maximum Conversion Rate
The encode rate at which parametric testing is performed.
Output Propagation Delay
The delay between a differential crossing of CLK+ and CLK−
and the time when all output data bits are within valid logic
levels.
Noise (for any range within the ADC)
This value includes both thermal and quantization noise.
⎟⎟
⎜⎜
×
×
=
10
10
001
.
dBFS
dBc
dBm
noise
Signal
SNR
FS
Z
V
where:
Z
is the input impedance.
FS
is the full scale of the device for the frequency in question.
SNR
is the value for the particular input level.
Signal
is the signal level within the ADC reported in dB below
full scale.
Power Supply Rejection Ratio
The ratio of a change in input offset voltage to a change in
power supply voltage.


Similar Part No. - AD9480ASUZ-2501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480ASUZ-2501 AD-AD9480ASUZ-2501 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
More results

Similar Description - AD9480ASUZ-2501

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
HI1166 INTERSIL-HI1166_00 Datasheet
762Kb / 11P
   8-Bit, 250 MSPS, Flash A/D Converter
HI1166 INTERSIL-HI1166 Datasheet
125Kb / 12P
   8-Bit, 250 MSPS, Flash A/D Converter
September 1998
logo
Fairchild Semiconductor
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
   8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
Analog Devices
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com