Electronic Components Datasheet Search |
|
ADF4154BRU-REEL7 Datasheet(PDF) 5 Page - Analog Devices |
|
ADF4154BRU-REEL7 Datasheet(HTML) 5 Page - Analog Devices |
5 / 20 page ADF4154 Rev. 0 | Page 5 of 20 ABSOLUTE MAXIMUM RATINGS Table 3. Absolute Maximum Ratings.1, 2, 3 TA = 25°C, unless otherwise noted. Parameter Rating VDD to GND −0.3 V to +4 V VDD to VDD −0.3 V to +0.3 V VP to GND −0.3 V to +5.8 V VP to VDD −0.3 V to +5.8 V Digital I/O Voltage to GND −0.3 V to VDD + 0.3 V Analog I/O Voltage to GND −0.3 V to VDD + 0.3 V REFIN, RFIN to GND −0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (B Version) −40°C to +85°C Storage Temperature Range −65°C to +150°C Maximum Junction Temperature 150°C TSSOP θJA Thermal Impedance 150.4°C/W LFCSP θJA Thermal Impedance (Paddle Soldered) 122°C/W LFCSP θJA Thermal Impedance (Paddle Not Soldered) 216°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 1 This device is a high performance RF integrated circuit with an ESD rating of < 2 kV, and it is ESD sensitive. Proper precautions should be taken for handling and assembly. 2 GND = AGND = DGND = 0 V. 3 VDD = AVDD = DVDD = SDVDD. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Similar Part No. - ADF4154BRU-REEL7 |
|
Similar Description - ADF4154BRU-REEL7 |