Electronic Components Datasheet Search |
|
TE28F320B3TA90 Datasheet(PDF) 6 Page - Intel Corporation |
|
TE28F320B3TA90 Datasheet(HTML) 6 Page - Intel Corporation |
6 / 48 page SMART 3 ADVANCED BOOT BLOCK E 6 PRELIMINARY 1.2 Product Overview Intel provides the most flexible voltage solution in the flash industry, providing three discrete voltage supply pins: VCC for read operation, VCCQ for output swing, and VPP for program and erase operation. All Smart 3 Advanced Boot Block flash memory products provide program/erase capability at 2.7 V or 12 V [for fast production programming] and read with VCC at 2.7 V. Since many designs read from the flash memory a large percentage of the time, 2.7 V VCC operation can provide substantial power savings. The Smart 3 Advanced Boot Block flash memory products are available in either x8 or x16 packages in the following densities: (see Ordering Information for availability.) • 4-Mbit (4,194,304-bit) flash memory organized as 256 Kwords of 16 bits each or 512 Kbytes of 8-bits each • 8-Mbit (8,388,608-bit) flash memory organized as 512 Kwords of 16 bits each or 1024 Kbytes of 8-bits each • 16-Mbit (16,777,216-bit) flash memory organized as 1024 Kwords of 16 bits each or 2048 Kbytes of 8-bits each • 32-Mbit (33,554,432-bit) flash memory organized as 2048 Kwords of 16 bits each or 4096 Kbytes of 8-bits each The parameter blocks are located at either the top (denoted by -T suffix) or the bottom (-B suffix) of the address map in order to accommodate different microprocessor protocols for kernel code location. The upper two (or lower two) parameter blocks can be locked to provide complete code security for system initialization code. Locking and unlocking is controlled by WP# (see Section 3.3 for details). The Command User Interface (CUI) serves as the interface between the microprocessor or microcontroller and the internal operation of the flash memory. The internal Write State Machine (WSM) automatically executes the algorithms and timings necessary for program and erase operations, including verification, thereby un- burdening the microprocessor or microcontroller. The status register indicates the status of the WSM by signifying block erase or word program completion and status. The Smart 3 Advanced Boot Block flash memory is also designed with an Automatic Power Savings (APS) feature which minimizes system current drain, allowing for very low power designs. This mode is entered following the completion of a read cycle (approximately 300 ns later). The RP# pin provides additional protection against unwanted command writes that may occur during system reset and power-up/down sequences due to invalid system bus conditions (see Section 3.6). Section 3.0 gives detailed explanation of the different modes of operation. Complete current and voltage specifications can be found in the DC Characteristics section. Refer to AC Characteristics for read, program and erase performance specifications. 2.0 PRODUCT DESCRIPTION This section explains device pin description and package pinouts. 2.1 Package Pinouts The Smart 3 Advanced Boot Block flash memory is available in 40-lead TSOP (x8, Figure 1), 48-lead TSOP (x16, Figure 2) and 48-ball µBGA packages (x8 and x16, Figure 3 and Figure 4 respectively). In all figures, pin changes necessary for density upgrades have been circled. |
Similar Part No. - TE28F320B3TA90 |
|
Similar Description - TE28F320B3TA90 |