Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTDELSS1.12 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # CTDELSS1.12
Description  FIREFLY E1608
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CTDELSS1.12 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button CTDELSS1.12 Datasheet HTML 3Page - OSRAM GmbH CTDELSS1.12 Datasheet HTML 4Page - OSRAM GmbH CTDELSS1.12 Datasheet HTML 5Page - OSRAM GmbH CTDELSS1.12 Datasheet HTML 6Page - OSRAM GmbH CTDELSS1.12 Datasheet HTML 7Page - OSRAM GmbH CTDELSS1.12 Datasheet HTML 8Page - OSRAM GmbH CTDELSS1.12 Datasheet HTML 9Page - OSRAM GmbH CTDELSS1.12 Datasheet HTML 10Page - OSRAM GmbH CTDELSS1.12 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Version 1.2
CT DELSS1.12
2017-08-10
7
Relative Spectral Emission - V(λ) = Standard eye response curve 6) page 21
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 6) Seite 21
Irel = f (λ); TS = 25 °C; IF = 20 mA
Radiation Characteristics 6) page 21
Abstrahlcharakteristik 6) Seite 21
Irel = f (ϕ); TS = 25 °C
CT DELSS1.12
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
: Vλ
: true green
CT DELSS1.12
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel
: 0°
: 90°


Similar Part No. - CTDELSS1.12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
CTDELSS1.12-AABA-36-44G4 OSRAM-CTDELSS1.12-AABA-36-44G4 Datasheet
646Kb / 22P
   white SMT package, colorless clear
More results

Similar Description - CTDELSS1.12

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F OSRAM-LRVH9F Datasheet
684Kb / 21P
   FIREFLY
LTVH9G OSRAM-LTVH9G Datasheet
694Kb / 21P
   FIREFLY 0402
KTDELQS1.12 OSRAM-KTDELQS1.12 Datasheet
690Kb / 22P
   TOPLED E1608
LWV18G OSRAM-LWV18G Datasheet
604Kb / 16P
   FIREFLY White Hyper-Bright LED
logo
ams AG
KSDELLS1.22 AMSCO-KSDELLS1.22 Datasheet
1Mb / 24P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KTDELMS1.12 AMSCO-KTDELMS1.12 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.8 2022-11-25
KBDELPS2.D2 AMSCO-KBDELPS2.D2 Datasheet
1Mb / 25P
   The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
Version 1.1 2022-11-16
KODELMS1.22 AMSCO-KODELMS1.22 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.6 2023-05-12
KYDELLS1.22 AMSCO-KYDELLS1.22 Datasheet
1Mb / 24P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proved package concept.
Version 1.7 2023-05-12
KODELLS1.22 AMSCO-KODELLS1.22 Datasheet
1Mb / 23P
   The TOPLED E1608 expands ams OSRAM’ low power portfolio by offering one of the smallest LED Industry standard footprints in a highly reliable and well proven package concept.
Version 1.8 2023-05-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com