Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5240IPAPG4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS5240IPAPG4
Description  4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5240IPAPG4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS5240IPAPG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS5240IPAPG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS5240IPAPG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS5240IPAPG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS5240IPAPG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS5240IPAPG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS5240IPAPG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS5240IPAPG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS5240IPAPG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
www.ti.com
AC CHARACTERISTICS
ADS5240
SBAS326C – JUNE 2004 – REVISED DECEMBER 2004
T
MIN = -40°C and TMAX = +85°C. Typical values are at TA = 25°C, clock frequency = 40MSPS, 50% clock duty cycle,
AVDD = 3.3V, LVDD = 3.3V differential, transformer coupled inputs, -1dBFS, I
SET = 56.2kΩ, internal voltage reference, and
LVDS buffer current at 3.5mA per channel, unless otherwise noted.
ADS5240
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
fIN = 1MHz
87
dBc
SFDR Spurious-Free Dynamic Range
fIN = 5MHz
78
85
dBc
fIN = 10MHz
85
dBc
fIN = 1MHz
95
dBc
HD2 2nd-Order Harmonic Distortion
fIN = 5MHz
85
95
dBc
fIN = 10MHz
90
dBc
fIN = 1MHz
87
dBc
HD3 3rd-Order Harmonic Distortion
fIN = 5MHz
78
85
dBc
fIN = 10MHz
85
dBc
fIN = 1MHz
70.5
dBFS
SNR Signal-to-Noise Ratio
fIN = 5MHz
68
70.5
dBFS
fIN = 10MHz
70
dBFS
fIN = 1MHz
70
dBFS
SINAD Signal-to-Noise and Distortion
fIN = 5MHz
67
70
dBFS
fIN = 10MHz
69.5
dBFS
f1 = 9.5MHz at -7dBFS
dBc
IMD Two-Tone Intermodulation Distortion
-88
f2 = 10.2MHz at -7dBFS
ENOB Effective Number of Bits
fIN = 5MHz
11.3
Bits
Signal Applied to 3 Channels; Measurement Taken
-90
dBc
Crosstalk
on the Channel with No Input Signal
5


Similar Part No. - ADS5240IPAPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5240 TI-ADS5240 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
More results

Similar Description - ADS5240IPAPG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com