Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRTBR48G Datasheet(PDF) 23 Page - OSRAM GmbH

Part # LRTBR48G
Description  Multi CHIPLED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBR48G Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button LRTBR48G Datasheet HTML 19Page - OSRAM GmbH LRTBR48G Datasheet HTML 20Page - OSRAM GmbH LRTBR48G Datasheet HTML 21Page - OSRAM GmbH LRTBR48G Datasheet HTML 22Page - OSRAM GmbH LRTBR48G Datasheet HTML 23Page - OSRAM GmbH LRTBR48G Datasheet HTML 24Page - OSRAM GmbH LRTBR48G Datasheet HTML 25Page - OSRAM GmbH LRTBR48G Datasheet HTML 26Page - OSRAM GmbH LRTBR48G Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LRTB R48G
2017-09-01
23
Gurtung / Polarität und Lage
7) Seite 30
Verpackungseinheit 24000/Rolle, ø330mm
Method of Taping / Polarity and Orientation
7) page 30
Packing unit 24000/Reel, ø330 mm


Similar Part No. - LRTBR48G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
   Indoor Video Walls
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
   Multi CHIPLED
LRTBR98G OSRAM-LRTBR98G_18 Datasheet
1Mb / 25P
   Multi CHIPLED
More results

Similar Description - LRTBR48G

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTRBRASR OSRAM-LTRBRASR Datasheet
1Mb / 23P
   Multi CHIPLED
LTRBRASF OSRAM-LTRBRASF Datasheet
1Mb / 23P
   Multi CHIPLED
LRTBR98G OSRAM-LRTBR98G_18 Datasheet
1Mb / 25P
   Multi CHIPLED
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
   CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
   Miniature ChipLED
HSMF-C118 AVAGO-HSMF-C118 Datasheet
160Kb / 8P
   TriColor ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com