Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2VC521-2 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2VC521-2
Description  Low Noise LVDS Clock Generator with VCXO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2VC521-2 Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2VC521-2 Datasheet HTML 1Page - Cypress Semiconductor CY2VC521-2 Datasheet HTML 2Page - Cypress Semiconductor CY2VC521-2 Datasheet HTML 3Page - Cypress Semiconductor CY2VC521-2 Datasheet HTML 4Page - Cypress Semiconductor CY2VC521-2 Datasheet HTML 5Page - Cypress Semiconductor CY2VC521-2 Datasheet HTML 6Page - Cypress Semiconductor CY2VC521-2 Datasheet HTML 7Page - Cypress Semiconductor CY2VC521-2 Datasheet HTML 8Page - Cypress Semiconductor CY2VC521-2 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY2VC521-2
Document Number: 001-15599 Rev. *E
Page 7 of 9
Package Drawings and Dimensions
Figure 8. 16-Pin TSSOP 4.40 MM Body
Ordering Information
Part Number
Package Description
Product Flow
Pb-Free
CY2VC521ZXC-2
16-Pin TSSOP
Commercial, 0° to 70°C
CY2VC521ZXC-2T
16-Pin TSSOP - Tape and Reel
Commercial, 0° to 70°C
51-85091 *B
[+] Feedback


Similar Part No. - CY2VC521-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
   27 MHz Clock Generator with VCXO
More results

Similar Description - CY2VC521-2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-41 CYPRESS-CY241V08A-41 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8158A AKM-AK8158A Datasheet
326Kb / 10P
   Multi Clock Generator with VCXO
logo
Cypress Semiconductor
CY241V08A-05 CYPRESS-CY241V08A-05 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8131C AKM-AK8131C Datasheet
193Kb / 8P
   Multi Clock Generator with VCXO
AK8130BV AKM-AK8130BV Datasheet
184Kb / 8P
   Multi Clock Generator with VCXO
AK8130C AKM-AK8130C Datasheet
191Kb / 8P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com