Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2X014 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY2X014
Description  Low Jitter LVPECL Crystal Oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X014 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY2X014 Datasheet HTML 8Page - Cypress Semiconductor CY2X014 Datasheet HTML 9Page - Cypress Semiconductor CY2X014 Datasheet HTML 10Page - Cypress Semiconductor CY2X014 Datasheet HTML 11Page - Cypress Semiconductor CY2X014 Datasheet HTML 12Page - Cypress Semiconductor CY2X014 Datasheet HTML 13Page - Cypress Semiconductor CY2X014 Datasheet HTML 14Page - Cypress Semiconductor CY2X014 Datasheet HTML 15Page - Cypress Semiconductor CY2X014 Datasheet HTML 16Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
CY2X014
Document Number: 001-10179 Rev. *K
Page 13 of 15
Document History Page
Document Title: CY2X014, Low Jitter LVPECL Crystal Oscillator
Document Number: 001-10179
Rev.
ECN
Orig. of
Change
Submission
Date
Description of Change
**
504478
RGL
See ECN
New datasheet
*A
1428603
JWK / SFV
See ECN
Removed pull up on pin 1 and related specifications, Added items to
Programming Variables section, Added CIN specification, Modified tJ2, IIH, IIL,
IDD and ISB specifications, Changed to a single Frequency Stability
specification, Removed Peak-to-peak Period Jitter specification, Changed pin
2 from NC to DNU, Changed max storage temperature, Title change, 2.5V
supply tightened from ±10% to ±5%, 2.5V termination option changed from
VDD-1.4V to VDD-1.5V, Added typical output characteristic curves
*B
2669117
KVM /
AESA
03/05/09
Revised frequency stability and aging specs and conditions, Max frequency
changed from 700 MHz to 690 MHz, Duty cycle changed from 45/55 to 40/60
for freq > 450 MHz, Removed reference to CY3672 programmer, Junction and
storage temperatures changed from 125 to 135°C, IIH changed from 20
A to
115
A, IIL changed from 20 A to 50 A, Rise and fall times changed from 350
ps to 500 ps, Removed MSL spec, Changed Datasheet Status to Final.
*C
2701663
KVM /
PYRS
05/06/09
General clean up
Added explanation of gaps in the frequency range
Added URL for software
Removed frequency stability paragraph under Programming Variables
Added programming variables table
Added separate IDD spec for 2.5V supply
Changed the amount of load current in IDD footnote
Changed phase jitter parameter name
Removed supply voltage as a programming variable
Changed conditions for ESD spec
Changed rise and fall times from 500 ps to 400 ps typ, added min and max
*D
2718433
WWZ /
HMT
06/12/09
No change. Submit to ECN for product launch.
*E
2761943
KVM
09/10/09
Revised maximum output rise and fall times.
*F
2896548
KVM
03/19/10
Moved parts with ‘xxx’ into new table, Possible Configurations
Updated package diagram
*G
2973338
CXQ
07/08/2010 Added Standard and Application-Specific Factory Configurations.
Added phase jitter specs for pre-defined configurations in AC Electrical
Characteristics (note 7 refers users to the new table on page 2 for typical specs).
Added all new factory programmed devices from the Standard and
Application-Specific Factory Configurations to Ordering Information. Added
note 8 to reference the configuration descriptions for each new device.
Changed all references to CyberClocksOnline software to CyClockWizard.
Removed section on phase noise vs jitter SW optimization.
*H
3767932
PURU
10/05/2012 Updated Package Diagrams (spec 001-10044 (Changed revision from *A to
*B)).
Added Units of Measure.
Updated to new template.
*I
3845087
PURU
12/20/2012 Removed references of “Standard and Application-Specific Factory
Configurations” in Functional Description.
Removed “Standard and Application-Specific Factory Configurations”.
Removed references of “Standard and Application-Specific Factory
Configurations” in Factory-configured CY2X014 under Programming
Description.
Updated Ordering Information (Updated part numbers).


Similar Part No. - CY2X014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014FLXCT CYPRESS-CY2X014FLXCT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X014FLXCT CYPRESS-CY2X014FLXCT_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
CY2X014FLXIT CYPRESS-CY2X014FLXIT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
CY2X014FLXIT CYPRESS-CY2X014FLXIT_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
CY2X014LXCxxxT CYPRESS-CY2X014LXCxxxT Datasheet
359Kb / 9P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2X014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014_12 Datasheet
436Kb / 15P
   Low Jitter LVPECL Crystal Oscillator
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
   Low Jitter LVPECL Crystal Oscillator
logo
Connor-Winfield Corpora...
PB223-156M CONNOR-WINFIELD-PB223-156M Datasheet
376Kb / 2P
   Low Jitter LVPECL Clock Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Micrel Semiconductor
DSC2020 MICREL-DSC2020 Datasheet
629Kb / 5P
   Low-Jitter Configurable LVPECL Oscillator
DSC1102 MICREL-DSC1102 Datasheet
599Kb / 7P
   Low-Jitter Precision LVPECL Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com