Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1444KV33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1444KV33
Description  36-Mbit (1M36/2M18) Pipelined DCD Sync SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1444KV33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1444KV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1444KV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CY7C1444KV33
CY7C1445KV33
36-Mbit (1M × 36/2M × 18)
Pipelined DCD Sync SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-66678 Rev. *G
Revised July 5, 2016
36-Mbit (1M × 36/2M × 18) Pipelined DCD Sync SRAM
Features
Supports bus operation up to 250 MHz
Available speed grades is 250 MHz
Registered inputs and outputs for pipelined operation
Optimal for performance (double-cycle deselect)
Depth expansion without wait state
3.3-V core power supply
2.5-V or 3.3-V I/O power supply
Fast clock-to-output times
2.5 ns (for 250-MHz device)
Provide high-performance 3-1-1-1 access rate
User-selectable burst counter supporting interleaved or linear
burst sequences
Separate processor and controller address strobes
Synchronous self-timed writes
Asynchronous output enable
CY7C1444KV33,
CY7C1445KV33
available
in
JEDEC-standard Pb-free 100-pin TQFP packages
“ZZ” sleep mode option
Functional Description
The
CY7C1444KV33/CY7C1445KV33
SRAMs
integrate
1M × 36/2M × 18 SRAM cells with advanced synchronous
peripheral circuitry and a two-bit counter for internal burst
operation. All synchronous inputs are gated by registers
controlled by a positive-edge-triggered clock (CLK) input. The
synchronous inputs include all addresses, all data inputs,
address-pipelining chip enable (CE1), depth-expansion chip
enables (CE2 and CE3), burst control inputs (ADSC, ADSP, and
ADV), write enables (BWX, and BWE), and global write (GW).
Asynchronous inputs include the output enable (OE) and the ZZ
pin.
Addresses and chip enables are registered at rising edge of
clock when either address strobe processor (ADSP) or address
strobe controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
advance pin (ADV).
Address, data inputs, and write controls are registered on-chip
to initiate a self-timed write cycle. This part supports byte write
operations (see Pin Descriptions and Truth Table for further
details). Write cycles can be one to four bytes wide as controlled
by the byte write control inputs. GW active LOW causes all bytes
to be written. This device incorporates an additional pipelined
enable register which delays turning off the output buffers an
additional cycle when a deselect is executed. This feature allows
depth expansion without penalizing system performance.
The CY7C1444KV33/CY7C1445KV33 SRAMs operate from a
+3.3 V core power supply while all outputs operate with a +3.3 V
or a +2.5 V supply. All inputs and outputs are JEDEC-standard
JESD8-5-compatible.
Selection Guide
Description
250 MHz
Unit
Maximum access time
2.5
ns
Maximum operating current
× 18
220
mA
× 36
240


Similar Part No. - CY7C1444KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25-167AXC CYPRESS-CY7C1444AV25-167AXC Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25-167AXI CYPRESS-CY7C1444AV25-167AXI Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25-167BZC CYPRESS-CY7C1444AV25-167BZC Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25-167BZI CYPRESS-CY7C1444AV25-167BZI Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1444KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
CY7C1386S CYPRESS-CY7C1386S Datasheet
727Kb / 22P
   18-Mbit (512 K 횞 36) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33_12 Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1380KV33 CYPRESS-CY7C1380KV33 Datasheet
3Mb / 33P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com