Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1461KV33 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1461KV33
Description  36-Mbit (1M36/2M18) Flow-Through SRAM with NoBL??Architecture
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1461KV33 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1461KV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1461KV33 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CY7C1461KV33
CY7C1463KV33
Document Number: 001-66681 Rev. *G
Page 8 of 23
Functional Overview
The CY7C1461KV33/CY7C1463KV33 are synchronous flow
through burst SRAMs designed specifically to eliminate wait
states during Write-Read transitions. All synchronous inputs
pass through input registers controlled by the rising edge of the
clock. The clock signal is qualified with the clock enable input
signal (CEN). If CEN is HIGH, the clock signal is not recognized
and all internal states are maintained. All synchronous
operations are qualified with CEN. Maximum access delay from
the clock rise (tCDV) is 6.5 ns (133 MHz device).
Accesses can be initiated by asserting all three chip enables
(CE1, CE2, CE3) active at the rising edge of the clock. If CEN is
active LOW and ADV/LD is asserted LOW, the address
presented to the device is latched. The access can either be a
read or write operation, depending on the status of the write
enable (WE). BWX can be used to conduct byte write operations.
Write operations are qualified by the Write Enable (WE). All
writes are simplified with on-chip synchronous self timed write
circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) simplify depth expansion. All
operations (reads, writes, and deselects) are pipelined. ADV/LD
must be driven LOW after the device is deselected to load a new
address for the next operation.
Single Read Accesses
A read access is initiated when these conditions are satisfied at
clock rise:
CEN is asserted LOW
CE1, CE2, and CE3 are ALL asserted active
The write enable input signal WE is deasserted HIGH
ADV/LD is asserted LOW
The address presented to the address inputs is latched into the
address register and presented to the memory array and control
logic. The control logic determines that a read access is in
progress and allows the requested data to propagate to the
output buffers. The data is available within 6.5 ns (133 MHz
device) provided OE is active LOW. After the first clock of the
read access, the output buffers are controlled by OE and the
internal control logic. OE must be driven LOW for the device to
drive out the requested data. On the subsequent clock, another
operation (Read/Write/Deselect) can be initiated. When the
SRAM is deselected at clock rise by one of the chip enable
signals, its output is tri-stated immediately.
Burst Read Accesses
The CY7C1461KV33/CY7C1463KV33 have an on-chip burst
counter that provides the ability to supply a single address and
conduct up to four reads without reasserting the address inputs.
ADV/LD must be driven LOW to load a new address into the
SRAM, as described in Single Read Accesses. The sequence of
the burst counter is determined by the MODE input signal. A
LOW input on MODE selects a linear burst mode, a HIGH selects
an interleaved burst sequence. Both burst counters use A0 and
A1 in the burst sequence, and wraps around when incremented
sufficiently. A HIGH input on ADV/LD increments the internal
burst counter regardless of the state of chip enable inputs or WE.
WE is latched at the beginning of a burst cycle. Therefore, the
type of access (read or write) is maintained throughout the burst
sequence.
Single Write Accesses
Write access are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are ALL asserted active, and (3) the write signal WE is
asserted LOW. The address presented to the address bus is
loaded into the address register. The write signals are latched
into the control logic block. The data lines are automatically
tri-stated regardless of the state of the OE input signal. This
allows the external logic to present the data on DQs and DQPX.
On the next clock rise the data presented to DQs and DQPX (or
a subset for byte write operations, see Truth Table on page 10
for details) inputs is latched into the device and the write is
complete. Additional accesses (read/write/deselect) can be
initiated on this cycle.
The data written during the write operation is controlled by BWX
signals. The CY7C1461KV33/CY7C1463KV33 provide byte write
capability that is described in the truth table. Asserting the (WE)
with the selected byte write select input selectively writes to only
the desired bytes. Bytes not selected during a byte write
operation remains unaltered. A synchronous self timed write
mechanism is provided to simplify the write operations. Byte
write capability is included to greatly simplify Read/Modify/Write
sequences, which can be reduced to simple byte write
operations.
Because the CY7C1461KV33/CY7C1463KV33 are common I/O
devices, data must not be driven into the device when the
outputs are active. The OE can be deasserted HIGH before
presenting data to the DQs and DQPX inputs. This tri-states the
output drivers. As a safety precaution, DQs and DQPX are
automatically tri-stated during the data portion of a write cycle,
regardless of the state of OE.
NC/576M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/1G
N/A
Not Connected to the Die. Can be tied to any voltage level.
Pin Definitions (continued)
Pin Name
I/O
Description


Similar Part No. - CY7C1461KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1461AV25 CYPRESS-CY7C1461AV25 Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100AXC CYPRESS-CY7C1461AV25-100AXC Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100AXI CYPRESS-CY7C1461AV25-100AXI Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100BZC CYPRESS-CY7C1461AV25-100BZC Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV25-100BZI CYPRESS-CY7C1461AV25-100BZI Datasheet
459Kb / 29P
   36-Mbit (1M x 36/2M x 18/512K x 72) Flow-Through SRAM with NoBL??Architecture
More results

Similar Description - CY7C1461KV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1371S CYPRESS-CY7C1371S Datasheet
898Kb / 29P
   18-Mbit (512K 횞 36) Flow-Through SRAM with NoBL??Architecture
CY7C1461AV33 CYPRESS-CY7C1461AV33_12 Datasheet
442Kb / 24P
   36-Mbit (1 M 횞 36/2 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com