Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1663KV18 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CY7C1663KV18
Description  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CY7C1663KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 26Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 27Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 28Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 29Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 30Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 31Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 28 of 31
CY7C1663KV18/CY7C1665KV18
Acronyms
Document Conventions
Units of Measure
Acronym
Description
BWS
Byte Write Select
DDR
Double Data Rate
DLL
Delay Lock Loop
FBGA
Fine-Pitch Ball Grid Array
HSTL
High-Speed Transceiver Logic
I/O
Input/Output
JTAG
Joint Test Action Group
LSB
Least Significant Bit
LSBU
Logical Single-Bit Upsets
LMBU
Logical Multi-Bit Upsets
MSB
Most Significant Bit
PLL
Phase Locked Loop
QDR
Quad Data Rate
SEL
Single Event Latch-up
SRAM
Static Random Access Memory
TAP
Test Access Port
TCK
Test Clock
TDI
Test Data-In
TDO
Test Data-Out
TMS
Test Mode Select
Symbol
Unit of Measure
°C
degree Celsius
FIT/Dev
failure in time per device
FIT/Mb
failure in time per mega bit
MHz
megahertz
µA
microampere
µs
microsecond
mA
milliampere
mm
millimeter
ms
millisecond
ns
nanosecond
ohm
pF
picofarad
Vvolt
Wwatt


Similar Part No. - CY7C1663KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C166 CYPRESS-CY7C166 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C166 CYPRESS-CY7C166 Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C166-15PC CYPRESS-CY7C166-15PC Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
266Kb / 9P
   16K x 4 Static RAM
More results

Similar Description - CY7C1663KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2663KV18 CYPRESS-CY7C2663KV18 Datasheet
871Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263KV18 CYPRESS-CY7C1263KV18_12 Datasheet
887Kb / 30P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com