Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F400B3B110 Datasheet(PDF) 1 Page - Intel Corporation

Part # TE28F400B3B110
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F400B3B110 Datasheet(HTML) 1 Page - Intel Corporation

  TE28F400B3B110 Datasheet HTML 1Page - Intel Corporation TE28F400B3B110 Datasheet HTML 2Page - Intel Corporation TE28F400B3B110 Datasheet HTML 3Page - Intel Corporation TE28F400B3B110 Datasheet HTML 4Page - Intel Corporation TE28F400B3B110 Datasheet HTML 5Page - Intel Corporation TE28F400B3B110 Datasheet HTML 6Page - Intel Corporation TE28F400B3B110 Datasheet HTML 7Page - Intel Corporation TE28F400B3B110 Datasheet HTML 8Page - Intel Corporation TE28F400B3B110 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
E
PRELIMINARY
July 1998
Order Number: 290580-005
n Flexible SmartVoltage Technology
2.7 V–3.6 V Read/Program/Erase
12 V VPP Fast Production
Programming
n 2.7 V or 1.65 V I/O Option
Reduces Overall System Power
n High Performance
2.7 V–3.6 V: 90 ns Max Access Time
3.0 V–3.6 V: 80 ns Max Access Time
n Optimized Block Sizes
Eight 8-KB Blocks for Data,
Top or Bottom Locations
Up to Sixty-Three 64-KB Blocks for
Code
n Block Locking
VCC-Level Control through WP#
n Low Power Consumption
10 mA Typical Read Current
n Absolute Hardware-Protection
VPP = GND Option
VCC Lockout Voltage
n Extended Temperature Operation
–40 °C to +85 °C
n Flash Data Integrator Software
Flash Memory Manager
System Interrupt Manager
Supports Parameter Storage,
Streaming Data (e.g., Voice)
n Automated Program and Block Erase
Status Registers
n Extended Cycling Capability
Minimum 100,000 Block Erase
Cycles Guaranteed
n Automatic Power Savings Feature
Typical ICCS after Bus Inactivity
n Standard Surface Mount Packaging
48-Ball
µBGA* Package
48-Lead TSOP Package
40-Lead TSOP Package
n Footprint Upgradeable
Upgrade Path for 4-, 8-, 16-, and 32-
Mbit Densities
n ETOX™ VI (0.25 µ) Flash Technology
The Smart 3 Advanced Boot Block, manufactured on Intel’s latest 0.25 µ technology, represents a feature-
rich solution at overall lower system cost. Smart 3 flash memory devices incorporate low voltage capability
(2.7 V read, program and erase) with high-speed, low-power operation. Several new features have been
added, including the ability to drive the I/O at 1.65 V, which significantly reduces system active power and
interfaces to 1.65 V controllers. A new blocking scheme enables code and data storage within a single
device. Add to this the Intel-developed Flash Data Integrator (FDI) software, and you have a cost-effective,
monolithic code plus data storage solution. Smart 3 Advanced Boot Block products will be available in 40-
lead and 48-lead TSOP and 48-ball µBGA* packages. Additional information on this product family can be
obtained by accessing Intel’s WWW page: http://www.intel.com/design/flash.
SMART 3 ADVANCED BOOT BLOCK
4-, 8-, 16-, 32-MBIT
FLASH MEMORY FAMILY
28F400B3, 28F800B3, 28F160B3, 28F320B3
28F008B3, 28F016B3, 28F032B3


Similar Part No. - TE28F400B3B110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F400B3B110 INTEL-TE28F400B3B110 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
More results

Similar Description - TE28F400B3B110

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com