Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFMP-5075 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SFMP-5075
Description  Matching Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SFMP-5075 Datasheet(HTML) 2 Page - Mini-Circuits

  SFMP-5075 Datasheet HTML 1Page - Mini-Circuits SFMP-5075 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
50 W
75 W
50/75W
DC to 2500 MHz
Matching Transformer
DC Pass
Maximum Ratings
Coaxial Connections
Input
SMA-Female
Output
F-Male
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
DC Current
350mA max.
DC Resistance
0.08W max.
Features
• Low matching loss of 0.4 dB typical
• Wideband coverage, DC-2500MHz
• Connectorized package
Applications
• Impedance matching
• General Wireless Communications
SFMP-5075+
Outline Dimensions (
)
inch
mm
Outline Drawing
Connectors Model
50W S-F
SFMP-5075+
75W F-M
Electrical Specifications at 25°C
Typical Performance Data
CASE STYLE: FF1891
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Frequency Range
-
DC
-
2500
MHz
Insertion Loss
10
-
-
1.0
dB
950-2500
-
0.4
1.2
VSWR
10
-
-
1.8
:1
950-2500
-
-
1.7
Power
DC-2500
-
-
1
W
Config. D
0.0
0.1
0.2
0.3
0.4
0.5
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
SFMP-5075+
INSERTION LOSS
1.10
1.20
1.30
1.40
1.50
1.60
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
SFMP-5075+
VSWR
50 Ohms
75 Ohms
10
0.01
1.50
1.50
50
0.03
1.50
1.49
100
0.07
1.50
1.48
250
0.19
1.47
1.45
500
0.32
1.37
1.36
950
0.17
1.21
1.16
1000
0.17
1.20
1.16
1950
0.26
1.45
1.38
2300
0.38
1.37
1.33
2500
0.40
1.27
1.27
A
--
--
B
.67
17.02
C
--
--
D
2.22
56.39
E
--
--
Wt.
grams
35
REV.A
M158435
SFMP-5075+
EDU1951/1
URJ
161013
Page 2 of 2


Similar Part No. - SFMP-5075

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFM VISHAY-SFM Datasheet
74Kb / 3P
   Thin Film Top-Contact Resistor
Revision: 25-Feb-13
logo
Samtec, Inc
SFM-105-01-S-D-LC SAMTEC-SFM-105-01-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D SAMTEC-SFM-105-02-S-D Datasheet
184Kb / 1P
   050 X 050 SOCKET STRIP DOUBLE ROW ASSEMBLY
SFM-105-02-S-D-A SAMTEC-SFM-105-02-S-D-A Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D-LC SAMTEC-SFM-105-02-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
More results

Similar Description - SFMP-5075

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
Z7550-FFSF MINI-Z7550-FFSF Datasheet
324Kb / 2P
   Matching Transformer
Z7550-BMBF MINI-Z7550-BMBF Datasheet
379Kb / 2P
   Matching Transformer
Z7550-BMNF MINI-Z7550-BMNF Datasheet
333Kb / 2P
   Matching Transformer
Z7550-NMNF MINI-Z7550-NMNF Datasheet
404Kb / 2P
   Matching Transformer
Z7550-FFNM MINI-Z7550-FFNM Datasheet
363Kb / 2P
   Matching Transformer
Z7550-FMSF MINI-Z7550-FMSF Datasheet
297Kb / 2P
   Matching Transformer
Z7550-FMSFDC MINI-Z7550-FMSFDC Datasheet
283Kb / 2P
   Matching Transformer
logo
API Technologies Corp
TEW4087 APITECH-TEW4087 Datasheet
393Kb / 1P
   Matching Transformer
logo
Mini-Circuits
Z7550-BFNF MINI-Z7550-BFNF Datasheet
284Kb / 2P
   Matching Transformer
logo
List of Unclassifed Man...
140NEX ETC2-140NEX Datasheet
313Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com