Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62UV1027JC-85 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62UV1027JC-85
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV1027JC-85 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62UV1027JC-85 Datasheet HTML 1Page - Brilliance Semiconductor BS62UV1027JC-85 Datasheet HTML 2Page - Brilliance Semiconductor BS62UV1027JC-85 Datasheet HTML 3Page - Brilliance Semiconductor BS62UV1027JC-85 Datasheet HTML 4Page - Brilliance Semiconductor BS62UV1027JC-85 Datasheet HTML 5Page - Brilliance Semiconductor BS62UV1027JC-85 Datasheet HTML 6Page - Brilliance Semiconductor BS62UV1027JC-85 Datasheet HTML 7Page - Brilliance Semiconductor BS62UV1027JC-85 Datasheet HTML 8Page - Brilliance Semiconductor BS62UV1027JC-85 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Revision 2.1
Jan.
2004
1
R0201-BS62UV1027
Ultra Low Power/Voltage CMOS SRAM
128K X 8 bit
• Wide Vcc operation voltage :
C-grade : 1.8V ~ 3.6V
I-grade : 1.9V ~ 3.6V
(Vcc_min.=1.65V at 25oC)
• Ultra low power consumption :
Vcc = 2.0V
C-grade : 7mA (Max.) operating current
I -grade : 8mA (Max.) operating current
0.05uA (Typ.) CMOS standby current
Vcc = 3.0V
C-grade : 13mA (Max.) operating current
I- grade : 15mA (Max.) operating current
0.10uA (Typ.) CMOS standby current
• High speed access time :
-85
85ns (Max.)
-10
100ns (Max.)
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
The BS62UV1027 is a high performance, ultra low power CMOS
Static Random Access Memory organized as 131,072 words by 8 bits
and operates from a wide range of 1.8V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.05uA at 2.0V/25oC and maximum access time of 85ns at 85oC.
Easy memory expansion is provided by an active LOW chip
enable (CE1), an active HIGH chip enable (CE2), and active LOW
output enable (OE) and three-state output drivers.
The BS62UV1027 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS62UV1027 is available in DICE form, JEDEC standard 32 pin
450mil Plastic SOP, 300mil Plastic SOJ, 600mil Plastic DIP, 8mmx13.4
mm STSOP and 8mmx20mm TSOP.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
BS62UV1027
A7
Address
Input
Buffer
Row
Decoder
Memory Array
1027 x 1027
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
Address Input Buffer
A3 A2 A1 A0 A10
Data
Buffer
Input
Control
Gnd
Vdd
OE
WE
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A14
A9
A11
A8
A13
A12
A6
8
8
8
8
14
128
1027
1027
20
A16
A15
A4
A5
CE2
BSI
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
A3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
A16
A14
A12
A7
A6
A5
A4
BS62UV1027TC
BS62UV1027STC
BS62UV1027TI
BS62UV1027STI
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=
3.0V
Vcc=
2.0V
Vcc=
3.0V
Vcc=
2.0V
PKG TYPE
BS62UV1027SC
SOP-32
BS62UV1027TC
TSOP-32
BS62UV1027JC
SOJ-32
BS62UV1027STC
STSOP -32
BS62UV1027PC
PDIP-32
BS62UV1027DC
+0
O C to +70 O C1.8V ~ 3.6V
85/100
1.3uA
0.5uA
13mA
7mA
DICE
BS62UV1027SI
SOP-32
BS62UV1027TI
TSOP-32
BS62UV1027JI
SOJ-32
BS62UV1027STI
STSOP -32
BS62UV1027PI
PDIP- 32
BS62UV1027DI
-40
O C to +85 O C1.9V ~ 3.6V
85/100
2.5uA
1.0uA
15mA
8mA
DICE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
DQ7
DQ6
DQ5
DQ4
DQ3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BS62UV1027SC
BS62UV1027SI
BS62UV1027PC
BS62UV1027PI
BS62UV1027JC
BS62UV1027JI
• Data retention supply voltage as low as 1.2V
• Easy expansion with CE2, CE1 and OE options
C-grade:1.8~3.6V
I-grade:1.9~3.6V


Similar Part No. - BS62UV1027JC-85

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024DC BSI-BS62UV1024DC Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024DI BSI-BS62UV1024DI Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024JC BSI-BS62UV1024JC Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024JI BSI-BS62UV1024JI Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62UV1027JC-85

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I Datasheet
246Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-T AMICC-LP62S1024A-T Datasheet
189Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308B AMICC-A62S7308B Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com