Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4IBC10UD Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4IBC10UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4IBC10UD Datasheet(HTML) 1 Page - International Rectifier

  IRG4IBC10UD Datasheet HTML 1Page - International Rectifier IRG4IBC10UD Datasheet HTML 2Page - International Rectifier IRG4IBC10UD Datasheet HTML 3Page - International Rectifier IRG4IBC10UD Datasheet HTML 4Page - International Rectifier IRG4IBC10UD Datasheet HTML 5Page - International Rectifier IRG4IBC10UD Datasheet HTML 6Page - International Rectifier IRG4IBC10UD Datasheet HTML 7Page - International Rectifier IRG4IBC10UD Datasheet HTML 8Page - International Rectifier IRG4IBC10UD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRG4IBC10UD
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
Features
E
G
C
UltraFast Co-Pack IGBT
10/27/99
• UltraFast: Optimized for high operating up to
80 kHz in hard switching, > 200 kHz in
resonant mode
• Generation 4 IGBT design provides tighter
parameter distribution and higher efficiency than
previous generation
• IGBT co-packaged with HEXFRED® ultrafast,
ultra-soft-recovery anti-parallel diodes for use
in bridge configurations
• Industry standard TO-220 Full-Pak
Benefits
• Generation 4 IGBTs offer highest efficiencies available
• IGBTs optimized for specific application conditions
• HEXFRED® diodes optimized for performance with IGBTs
Minimized recovery characteristics require less/no snubbing
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
–––
5.0
RθJC
Junction-to-Case - Diode
–––
9.0
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
65
Wt
Weight
2.1 (0.075)
–––
g (oz)
Thermal Resistance
VCES = 600V
VCE(on) typ. = 2.15V
@VGE = 15V, IC = 5.0A
tf(typ.) = 140ns
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
6.8
IC @ TC = 100°C
Continuous Collector Current
3.9
ICM
Pulsed Collector Current

27
A
ILM
Clamped Inductive Load Current
‚
27
IF @ TC = 100°C
Diode Continuous Forward Current
3.9
IFM
Diode Maximum Forward Current
27
VISOL
RMS Isolated Voltage, Terminal to case, t=1min
2500
V
VGE
Gate-to-Emitter Voltage
± 20
PD @ TC = 25°C
Maximum Power Dissipation
25
W
PD @ TC = 100°C
Maximum Power Dissipation
10
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw
10 lbf•in (1.1 N•m)
Absolute Maximum Ratings
www.irf.com
1
TO-220 Full-Pak
PD - 93765
N-channel


Similar Part No. - IRG4IBC10UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4IBC10UDPBF IRF-IRG4IBC10UDPBF Datasheet
659Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE UltraFast Co-Pack IGBT
IRG4IBC10UDPBF IRF-IRG4IBC10UDPBF Datasheet
312Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4IBC10UDPBF IRF-IRG4IBC10UDPBF_15 Datasheet
312Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRG4IBC10UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com