Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNJ597034 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHNJ597034
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNJ597034 Datasheet(HTML) 2 Page - International Rectifier

  IRHNJ597034 Datasheet HTML 1Page - International Rectifier IRHNJ597034 Datasheet HTML 2Page - International Rectifier IRHNJ597034 Datasheet HTML 3Page - International Rectifier IRHNJ597034 Datasheet HTML 4Page - International Rectifier IRHNJ597034 Datasheet HTML 5Page - International Rectifier IRHNJ597034 Datasheet HTML 6Page - International Rectifier IRHNJ597034 Datasheet HTML 7Page - International Rectifier IRHNJ597034 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHNJ597034
Pre-Irradiation
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-60
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.063
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.06
VGS = -12V, ID = -16A
Resistance
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -1.0mA
gfs
Forward Transconductance
10
S ( )VDS = -25V, IDS = -16A ➃
IDSS
Zero Gate Voltage Drain Current
-10
VDS= -48V ,VGS=0V
-25
VDS = -48V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = 20V
Qg
Total Gate Charge
38
VGS =-12V, ID = -22A
Qgs
Gate-to-Source Charge
15
nC
VDS = -30V
Qgd
Gate-to-Drain (‘Miller’) Charge
13
td(on)
Turn-On Delay Time
25
VDD = -30V, ID = -22A,
tr
Rise Time
50
VGS =-12V, RG = 7.5Ω,
td(off)
Turn-Off Delay Time
75
tf
Fall Time
50
LS + LD
Total Inductance
4.0
Ciss
Input Capacitance
1540
VGS = 0V, VDS = -25V
Coss
Output Capacitance
590
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
60
nA
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
1.67
RthJ-PCB
Junction-to-PC board
6.9
soldered to a 2” square copper-clad board
°C/W
Measured from the center of
drain pad to center of source pad
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-22*
ISM
Pulse Source Current (Body Diode) ➀
-88
VSD
Diode Forward Voltage
-5.0
V
Tj = 25°C, IS = -22A, VGS = 0V ➃
trr
Reverse Recovery Time
100
ns
Tj = 25°C, IF =-22A, di/dt ≤ -100A/µs
QRR Reverse Recovery Charge
200
nC
VDD ≤ -25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
* Current is limited by package


Similar Part No. - IRHNJ597034

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNJ597034 IRF-IRHNJ597034 Datasheet
211Kb / 8P
   Simple Drive Requirements
IRHNJ597034 IRF-IRHNJ597034_15 Datasheet
211Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNJ597034

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSF2N7422U IRF-JANSF2N7422U Datasheet
132Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
IRHMK57160 IRF-IRHMK57160 Datasheet
180Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
IRHNJ67434 IRF-IRHNJ67434 Datasheet
193Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
IRHLUC7670Z4 IRF-IRHLUC7670Z4 Datasheet
309Kb / 16P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHLUC7970Z4 IRF-IRHLUC7970Z4 Datasheet
215Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT
IRHNA597260 IRF-IRHNA597260 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com