Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62UV1027TCP10 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS62UV1027TCP10
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV1027TCP10 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS62UV1027TCP10 Datasheet HTML 2Page - Brilliance Semiconductor BS62UV1027TCP10 Datasheet HTML 3Page - Brilliance Semiconductor BS62UV1027TCP10 Datasheet HTML 4Page - Brilliance Semiconductor BS62UV1027TCP10 Datasheet HTML 5Page - Brilliance Semiconductor BS62UV1027TCP10 Datasheet HTML 6Page - Brilliance Semiconductor BS62UV1027TCP10 Datasheet HTML 7Page - Brilliance Semiconductor BS62UV1027TCP10 Datasheet HTML 8Page - Brilliance Semiconductor BS62UV1027TCP10 Datasheet HTML 9Page - Brilliance Semiconductor BS62UV1027TCP10 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Revision 2.1
Jan.
2004
8
R0201-BS62UV1027
ORDERING INFORMATION
BSI
BS62UV1027
PACKAGE DIMENSIONS
BASE METAL
WITH PLATING
c c1
SECTION A-A
b1
b
SOP -32
Note:
BSI (Brilliance Semiconductor Inc.) assumes no responsibility for the application or use of any product or circuit described herein. BSI does not authorize its products
for use as critical components in any application in which the failure of the BSI product may be expected to result in significant injury or death, including life-support
systems and critical medical instruments.
PACKAGE
J: SOJ
S: SOP
P: PDIP
T: TSOP (8mm x 20mm)
ST: Small TSOP (8mm x 13.4mm)
D: DICE
BS62UV1027 X X
Z
Y Y
GRADE
C: +0oC ~ +70oC
I: -40oC ~ +85oC
SPEED
85: 85ns
10: 100ns
PKG MATERIAL
-: Normal
G: Green
P: Pb free


Similar Part No. - BS62UV1027TCP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024DC BSI-BS62UV1024DC Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024DI BSI-BS62UV1024DI Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024JC BSI-BS62UV1024JC Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1024JI BSI-BS62UV1024JI Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62UV1027TCP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
logo
AMIC Technology
LP62S1024B-T AMICC-LP62S1024B-T Datasheet
197Kb / 18P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-T AMICC-LP62S1024B-T_15 Datasheet
250Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-I AMICC-LP62S1024A-I Datasheet
155Kb / 15P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I Datasheet
246Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024A-T AMICC-LP62S1024A-T Datasheet
189Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S7308B AMICC-A62S7308B Datasheet
277Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1024B-I AMICC-LP62S1024B-I_15 Datasheet
207Kb / 17P
   128K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com