Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F160B3 Datasheet(PDF) 5 Page - Intel Corporation

Part # TE28F160B3
Description  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F160B3 Datasheet(HTML) 5 Page - Intel Corporation

  TE28F160B3 Datasheet HTML 1Page - Intel Corporation TE28F160B3 Datasheet HTML 2Page - Intel Corporation TE28F160B3 Datasheet HTML 3Page - Intel Corporation TE28F160B3 Datasheet HTML 4Page - Intel Corporation TE28F160B3 Datasheet HTML 5Page - Intel Corporation TE28F160B3 Datasheet HTML 6Page - Intel Corporation TE28F160B3 Datasheet HTML 7Page - Intel Corporation TE28F160B3 Datasheet HTML 8Page - Intel Corporation TE28F160B3 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
E
SMART 3 ADVANCED BOOT BLOCK
5
PRELIMINARY
1.0
INTRODUCTION
This datasheet contains the specifications for the
Advanced Boot Block flash memory family, which is
optimized for low power, portable systems. This
family of products features 1.65 V–2.5 V or 2.7 V–
3.6 V I/Os and a low VCC/VPP operating range of
2.7 V–3.6 V
for
read,
program,
and
erase
operations. In addition this family is capable of fast
programming at 12 V. Throughout this document,
the term “2.7 V” refers to the full voltage range
2.7 V–3.6 V (except where noted otherwise) and
“VPP = 12 V” refers to 12 V ±5%. Section 1.0 and
2.0 provide an overview of the flash memory family
including applications, pinouts and pin descriptions.
Section 3.0 describes the memory organization and
operation for these products. Sections 4.0 and 5.0
contain
the
operating
specifications.
Finally,
Sections 6.0 and 7.0 provide ordering and other
reference information.
1.1
Smart 3 Advanced Boot Block
Flash Memory Enhancements
The Smart 3 Advanced Boot Block flash memory
features
• Enhanced blocking for easy segmentation of
code and data or additional design flexibility
• Program Suspend to Read command
• VCCQ input of 1.65 V–2.5 V on all I/Os. See
Figures 1 through 4 for pinout diagrams and
VCCQ location
• Maximum program and erase time specification
for improved data storage.
Table 1. Smart 3 Advanced Boot Block Feature Summary
Feature
28F008B3, 28F016B3,
28F032B3(1)
28F400B3(2), 28F800B3,
28F160B3, 28F320B3
Reference
VCC Read Voltage
2.7 V– 3.6 V
Section 4.2, 4.4
VCCQ I/O Voltage
1.65 V–2.5 V or 2.7 V– 3.6 V
Section 4.2, 4.4
VPP Program/Erase Voltage
2.7 V– 3.6 V or 11.4 V– 12.6 V
Section 4.2, 4.4
Bus Width
8-bit
16 bit
Table 3
Speed
80 ns, 90 ns, 100 ns, 110 ns
Section 4.5
Memory Arrangement
1024 Kbit x 8 (8 Mbit),
2048 Kbit x 8 (16 Mbit),
4096 Kbit x 8 (32 Mbit)
256 Kbit x 16 (4 Mbit),
512 Kbit x 16 (8 Mbit),
1024 Kbit x 16 (16 Mbit)
2048 Kbit x 16 (32 Mbit)
Section 2.2
Blocking (top or bottom)
Eight 8-Kbyte parameter blocks and
Seven 64-Kbyte blocks (4-Mbit) or
Fifteen 64-Kbyte blocks (8-Mbit) or
Thirty-one 64-Kbyte main blocks (16-Mbit)
Sixty-three 64-Kbyte main blocks (32-Mbit)
Section 2.2
Appendix D
Locking
WP# locks/unlocks parameter blocks
All other blocks protected using VPP
Section 3.3
Table 8
Operating Temperature
Extended: –40
°C to +85 °C
Section 4.2, 4.4
Program/Erase Cycling
100,000 cycles
Section 4.2, 4.4
Packages
40-lead TSOP(1), 48-Ball
µBGA* CSP(2)
48-Lead TSOP, 48-Ball
µBGA CSP(2)
Figure 3, Figure 4
NOTES:
1.
4-Mbit and 32-Mbit density not available in 40-lead TSOP.
2.
4-Mbit density not available in
µBGA* CSP.


Similar Part No. - TE28F160B3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F160B3-B120 INTEL-TE28F160B3-B120 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
TE28F160B3-B150 INTEL-TE28F160B3-B150 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
TE28F160B3-T120 INTEL-TE28F160B3-T120 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
TE28F160B3-T150 INTEL-TE28F160B3-T150 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
TE28F160B3B120 INTEL-TE28F160B3B120 Datasheet
427Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK WORD-WIDE
More results

Similar Description - TE28F160B3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
   3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com