Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1880 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1880
Description  SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1880 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1880 Datasheet HTML 4Page - Linear Technology LT1880 Datasheet HTML 5Page - Linear Technology LT1880 Datasheet HTML 6Page - Linear Technology LT1880 Datasheet HTML 7Page - Linear Technology LT1880 Datasheet HTML 8Page - Linear Technology LT1880 Datasheet HTML 9Page - Linear Technology LT1880 Datasheet HTML 10Page - Linear Technology LT1880 Datasheet HTML 11Page - Linear Technology LT1880 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT1880
8
The LT1880 single op amp features exceptional input
precision with rail-to-rail output swing. Slew rate and
small signal bandwidth are superior to other amplifiers
with comparable input precision. These characteristics
make the LT1880 a convenient choice for precision low
voltage systems and for improved AC performance in
higher voltage precision systems. Obtaining beneficial
advantage of the precision inherent in the amplifier de-
pends upon proper applications circuit design and board
layout.
Preserving Input Precision
Preserving the input voltage accuracy of the LT1880
requires that the applications circuit and PC board layout
do not introduce errors comparable to or greater than the
40
µV offset. Temperature differentials across the input
connections can generate thermocouple voltages of 10’s
of microvolts. PC board layouts should keep connections
to the amplifier’s input pins close together and away from
heat dissipating components. Air currents across the
board can also generate temperature differentials.
The extremely low input bias currents, 150pA, allow high
accuracy to be maintained with high impedance sources
and feedback networks. The LT1880’s low input bias
currents are obtained by using a cancellation circuit on-
chip. This causes the resulting IBIAS+ and IBIAS– to be
uncorrelated, as implied by the lOS specification being
comparable to IBIAS. The user should not try to balance the
input resistances in each input lead, as is commonly
recommended with most amplifiers. The impedance at
either input should be kept as small as possible to mini-
mize total circuit error.
PC board layout is important to insure that leakage cur-
rents do not corrupt the low IBIAS of the amplifier. In high
precision, high impedance circuits, the input pins should
be surrounded by a guard ring of PC board interconnect,
with the guard driven to the same common mode voltage
as the amplifier inputs.
Input Common Mode Range
The LT1880 output is able to swing nearly to each power
supply rail, but the input stage is limited to operating
between V+ 1V and V+ – 1.2V. Exceeding this common
mode range will cause the gain to drop to zero, however no
gain reversal will occur.
Input Protection
The inverting and noninverting input pins of the LT1880
have limited on-chip protection. ESD protection is pro-
vided to prevent damage during handling. The input tran-
sistors have voltage clamping and limiting resistors to
protect against input differentials up to 10V. Short tran-
sients above this level will also be tolerated. If the input
pins can see a sustained differential voltage above 10V,
external limiting resistors should be used to prevent
damage to the amplifier. A 1k resistor in each input lead
will provide protection against a 30V differential voltage.
Capacitive Loads
The LT1880 can drive capacitive loads up to 600pF in unity
gain. The capacitive load driving capability increases as
the amplifier is used in higher gain configurations, see the
graph labled Capacitive Load Response. Capacitive load
driving may be increased by decoupling the capacitance
from the output with a small resistance.
APPLICATIO S I FOR ATIO
CAPACITIVE LOAD (pF)
30
25
20
15
10
5
0
10
100
1000
10000
1880 G25
AV = 10
AV = 1
VS = ±15V
TA = 25°C
Capacitance Load Response
Getting Rail-to-Rail Operation without Rail-to-Rail
Inputs
The LT1880 does not have rail-to-rail inputs, but for most
inverting applications and noninverting gain applications,
this is largely inconsequential. Figure 1 shows the basic op
amp configurations, what happens to the op amp inputs,
and whether or not the op amp must have rail-to-rail
inputs.


Similar Part No. - LT1880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1880 LINER-LT1880 Datasheet
392Kb / 38P
   Precision Micropower RMS-to-DC Converter
LT1880 LINER-LT1880 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
More results

Similar Description - LT1880

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1880 LINER-LT1880_15 Datasheet
233Kb / 12P
   SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp
LTC6090 LINER-LTC6090_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090-5 LINER-LTC6090-5_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
   Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1885 LINER-LT1885_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1797 LINER-LT1797 Datasheet
195Kb / 12P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1797 LINER-LT1797_15 Datasheet
199Kb / 14P
   10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1884 LINER-LT1884_15 Datasheet
174Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1884 LINER-LT1884 Datasheet
178Kb / 12P
   Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com