Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64895GP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M64895GP
Description  PC BUS FREQUENCY SYNTHESIZER FOR TV/VCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64895GP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M64895GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64895GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64895GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64895GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64895GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64895GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUBISHI ICS (TV)
M64895BFP/GP
I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
3
ELECTRICAL CHARACTERISTICS (Ta=-20
°C to +75°C, unless otherwise noted, Vcc1=5.0V, Vcc2=12V, Vcc3=33V)
The typical values are at VCC1=5.0V VCC2=12V VCC3=33V, Ta=+25
°C.
SWITCHING CHARACTERISTICS (Ta=-20
°C to +75°C, unless otherwise noted, VCC1=5.0V, VCC2=12V, VCC3=33V)
Symbol
Parameter
Test pin
Test conditions
Limits
Unit
Min.
Typ.
Max.
VIH
Input
terminals
“H” input voltage
13 to 14
3.0
VCC1+0.3
V
VIL
“L” input voltage
13 to 14
−−
1.5
V
IIH
“H” input current
13 to 14
VCC1=5.5V, Vi=4.0V
−−
10
µA
IIL
“L” input current
13/14
VCC1=5.5V, Vi=0.4V
-4/-14
-10/-30
µA
VOL
SDA
output
“L” output voltage
14
VCC1=5.5V, Io=3mA
−−
0.4
µA
ILO
Leak current
14
VCC1=5.5V, Vo=5.5V
−−
10
µA
VBS
Band
SW
Output voltage
5 to 8
VCC2=12V, Io=-40mA
11.6
11.8
V
IOLK1
Leak current
5 to 8
VCC2=12V band SW is OFF
Vo=0V
−−
-10
µA
VtoH
Tuning
output
Output voltage “H”
10
VCC3=33V
32.5
−−
V
VtoL
Output voltage “L”
10
VCC3=33V
0.2
0.4
V
IOH
Charge
pump
“H” output current
9
VCC1=5.0V, Vo=2.5V
−±270
±370
µA
IOL
“L” output current
9
VCC1=5.0V, Vo=2.5V
±70
±110
µA
ICPLK
Leak current
9
VCC1=5.0V, Vo=2.5V
−−
±50
nA
ICC1
Supply current 1
3
VCC1=5.5V
20
30
mA
ICC2A
Supply
current 2
4 circuits: OFF
4
VCC2=12V
−−
0.3
mA
ICC2B
1 circuits: ON,
Output: OPEN
4VCC2=12V
6.0
8.0
mA
ICC2C
Output current 40mA
4
VCC2=12V Io=-40mA
46.0
48.0
mA
ICC3
Supply current 3
11
VCC3=33V Output ON
3.0
4.0
mA
Symbol
Parameter
Test pin
Test conditions
Limits
Unit
Min.
Typ.
Max.
fopr
Prescaler operating
frequency
1
VCC1=4.5 to 5.5V
Vin=Vinmin to Vinmax
80
1300
MHz
Vin
Operating input
voltage
1
VCC1=4.5
to 5.5V
80 to 100MHz
-24
4
dBm
100 to 200MHz
-27
4
200 to 800MHz
-30
4
800 to 1000MHz
-27
4
1000 to 1300MHz
-18
4
fSCL
Clock pulse frequency
13
VCC1=4.5 to 5.5V
0
100
kHz
tBUF
Bus free time
14
VCC1=4.5 to 5.5V
4.7
−−
µs
tHD
STA
Data hold time
13
VCC1=4.5 to 5.5V
4
−−
µs
tLOW
SCL low hold time
13
VCC1=4.5 to 5.5V
4.7
−−
µs
tHIGH
SCL high hold time
13
VCC1=4.5 to 5.5V
4
−−
µs
tSU
STA
Set up time
13, 14
VCC1=4.5 to 5.5V
4.7
−−
µs
tHD
DAT
Data hold time
13, 14
VCC1=4.5 to 5.5V
0
−−
s
tSU
DAT
Data set up time
13, 14
VCC1=4.5 to 5.5V
250
−−
ns
tr
Rise time
13, 14
VCC1=4.5 to 5.5V
−−
1000
ns
tf
Fall time
13, 14
VCC1=4.5 to 5.5V
−−
300
ns
tSU
STO
Set up time
13, 14
VCC1=4.5 to 5.5V
4
−−
µs


Similar Part No. - M64895GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64895GP MITSUBISHI-M64895GP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
More results

Similar Description - M64895GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
M64893AFP MITSUBISHI-M64893AFP Datasheet
78Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64894FP MITSUBISHI-M64894FP Datasheet
48Kb / 8P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64893FP MITSUBISHI-M64893FP Datasheet
49Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
M64892AFP MITSUBISHI-M64892AFP Datasheet
52Kb / 8P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64894FP RENESAS-M64894FP Datasheet
125Kb / 13P
   Serial Input PLL Frequency Synthesizer for TV/VCR
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
Mitsubishi Electric Sem...
M64092FP MITSUBISHI-M64092FP Datasheet
282Kb / 7P
   Serial input pll prequency synthesizer for TV/VCR
logo
Toshiba Semiconductor
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
TEMIC Semiconductors
U6359B TEMIC-U6359B Datasheet
89Kb / 6P
   Frequency Synthesizer for TV Tuner
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com