Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EP139DW Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EP139DW
Description  3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP139DW Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP139DW Datasheet HTML 1Page - ON Semiconductor MC10EP139DW Datasheet HTML 2Page - ON Semiconductor MC10EP139DW Datasheet HTML 3Page - ON Semiconductor MC10EP139DW Datasheet HTML 4Page - ON Semiconductor MC10EP139DW Datasheet HTML 5Page - ON Semiconductor MC10EP139DW Datasheet HTML 6Page - ON Semiconductor MC10EP139DW Datasheet HTML 7Page - ON Semiconductor MC10EP139DW Datasheet HTML 8Page - ON Semiconductor MC10EP139DW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC10EP139, MC100EP139
http://onsemi.com
2
Figure 1. 20−Lead Pinout (Top View)
17
18
16
15
14
13
12
4
3
5
678
9
Q0
11
10
Q1
Q1
Q2
Q2
Q3
Q3
VEE
19
20
2
1
VCC
Q0
Warning: All VCC and VEE pins must be externally connected to
Power Supply to guarantee proper operation.
Table 1. PIN DESCRIPTION
PIN
FUNCTION
CLK*, CLK*
ECL Differential Clock Inputs
EN*
ECL Sync Enable
MR*
ECL Master Reset
VBB
ECL Reference Output
Q0, Q1, Q0, Q1
ECL Differential
B2/4 Outputs
Q2, Q3, Q2, Q3
ECL Differential
B4/5/6 Outputs
DIVSELa*
ECL Frequency Select Input
B2/4
DIVSELb0*
ECL Frequency Select Input
B4/5/6
DIVSELb1
ECL Frequency Select Input
B4/5/6
VCC
ECL Positive Supply
VEE
ECL Negative Supply
*Pins will default low when left open.
CLK
CLK
EN
MR
DIVSELb1
÷2/4
Q0
Q0
Q1
Q1
÷4/5/6
Q2
Q2
Q3
Q3
Figure 2. Logic Diagram
R
R
DIVSELa
DIVSELb0
VEE
Table 2. FUNCTION TABLES
CLK
EN
MR
Function
Z
ZZ
X
L
H
X
L
L
H
Divide
Hold Q0:3
Reset Q0:3
Z = Low−to−High Transition
ZZ = High−to−Low Transition
DIVSELa
Q0:1 Outputs
L
H
Divide by 2
Divide by 4
DIVSELb0
DIVSELb1
Q2:3 Outputs
L
H
L
H
L
L
H
H
Divide by 4
Divide by 6
Divide by 5
Divide by 5


Similar Part No. - MC10EP139DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP139DW ONSEMI-MC10EP139DW Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC10EP139DWG ONSEMI-MC10EP139DWG Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC10EP139DWG ONSEMI-MC10EP139DWG Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
MC10EP139DWR2 ONSEMI-MC10EP139DWR2 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC10EP139DWR2G ONSEMI-MC10EP139DWR2G Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
More results

Similar Description - MC10EP139DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
logo
Freescale Semiconductor...
MC100ES6039 FREESCALE-MC100ES6039 Datasheet
236Kb / 8P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
MC100ES6139 FREESCALE-MC100ES6139 Datasheet
241Kb / 12P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
logo
ON Semiconductor
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100EL38 ONSEMI-MC100EL38_06 Datasheet
122Kb / 7P
   5V ECL 첨2, 첨4/6 Clock Generation Chip
October, 2006 ??Rev. 7
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com