Electronic Components Datasheet Search |
|
M27W512-150F6TR Datasheet(PDF) 11 Page - STMicroelectronics |
|
M27W512-150F6TR Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 21 page 11/21 M27W512 Table 7. Read Mode DC Characteristics Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Maximum DC voltage on Output is VCC +0.5V. Table 8. Read Mode AC Characteristics Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. 3. Speed obtained with High Speed AC measurement conditions. Symbol Parameter Test Condition (1) Min Max Unit ILI Input Leakage Current 0V ≤ VIN ≤ VCC ±10 µA ILO Output Leakage Current 0V ≤ VOUT ≤ VCC ±10 µA ICC Supply Current E = VIL, G = VIL, IOUT = 0mA, f = 5MHz VCC ≤ 3.6V 15 mA ICC1 Supply Current (Standby) TTL E = VIH 1mA ICC2 Supply Current (Standby) CMOS E > VCC – 0.2V, VCC ≤ 3.6V 15 µA IPP Program Current VPP = VCC 10 µA VIL Input Low Voltage –0.6 0.2 VCC V VIH (2) Input High Voltage 0.7 VCC VCC + 0.5 V VOL Output Low Voltage IOL = 2.1mA 0.4 V VOH Output High Voltage TTL IOH = –1mA 2.4 V Symbol Alt Parameter Test Condition (1) M27W512 Unit -80 (3) -100 (-120/-150/-200) VCC = 3.0 to 3.6V VCC = 2.7 to 3.6V VCC = 2.7 to 3.6V Min Max Min Max Min Max tAVQV tACC Address Valid to Output Valid E = VIL, G = VIL 70 80 100 ns tELQV tCE Chip Enable Low to Output Valid G = VIL 70 80 100 ns tGLQV tOE Output Enable Low to Output Valid E = VIL 40 50 60 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G = VIL 040050060 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E = VIL 040050060 ns tAXQX tOH Address Transition to Output Transition E = VIL, G = VIL 000 ns |
Similar Part No. - M27W512-150F6TR |
|
Similar Description - M27W512-150F6TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |