Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCYW5SM Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LCYW5SM
Description  Signalling
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCYW5SM Datasheet(HTML) 3 Page - OSRAM GmbH

  LCYW5SM_18 Datasheet HTML 1Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 2Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 3Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 4Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 5Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 6Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 7Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 8Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LCY W5SM
3 Version 1.3 | 2018-04-03
Maximum Ratings
Parameter
Symbol
Values
Operating Temperature
T
op
min.
max.
-40 °C
125 °C
Storage Temperature
T
stg
min.
max.
-40 °C
125 °C
Junction Temperature
T
j
max.
135 °C
Junction Temperature for short time applications*
T
j
max.
150 °C
Forward Current
T
S = 25 °C
I
F
min.
max.
100 mA
500 mA
Surge Current
t ≤ 10 µs; D = 0.005 ; T
S = 25 °C
I
FS
max.
2500 mA
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
V
ESD
8 kV
Reverse current 2)
I
R
max.
200 mA
*The median lifetime (L70/B50) for Tj =150°C is 100h.


Similar Part No. - LCYW5SM_18

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results

Similar Description - LCYW5SM_18

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSG6SP.01 OSRAM-LSG6SP.01 Datasheet
1Mb / 21P
   Signalling
LAG6SP.01 OSRAM-LAG6SP.01 Datasheet
1Mb / 21P
   Signalling
LRW5SM OSRAM-LRW5SM_18 Datasheet
1Mb / 22P
   Signalling
LRG6SP.01 OSRAM-LRG6SP.01 Datasheet
1Mb / 21P
   Signalling
logo
CML Microcircuits
FX-107 CMLMICRO-FX-107 Datasheet
1Mb / 8P
   SELECTIVE SIGNALLING DEVICES
FX818 CMLMICRO-FX818 Datasheet
672Kb / 26P
   CTCSS SIGNALLING PROCESSOR
logo
List of Unclassifed Man...
ZB2BA5 ETC2-ZB2BA5 Datasheet
1Mb / 23P
   CONTROL AND SIGNALLING UNITS
logo
Schneider Electric
940-0024 SCHNEIDER-940-0024 Datasheet
94Kb / 2P
   UPS Communications Cable Smart Signalling
Oct 17, 2021
logo
STMicroelectronics
MK5027 STMICROELECTRONICS-MK5027 Datasheet
183Kb / 19P
   SS7 SIGNALLING LINK CONTROLLER
logo
List of Unclassifed Man...
ZB4BD2 ETC2-ZB4BD2 Datasheet
228Kb / 5P
   Control and signalling units 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com