Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1012R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1012R
Description  N-Channel 1.8 V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1012R Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1012R_17 Datasheet HTML 1Page - Vishay Siliconix SI1012R_17 Datasheet HTML 2Page - Vishay Siliconix SI1012R_17 Datasheet HTML 3Page - Vishay Siliconix SI1012R_17 Datasheet HTML 4Page - Vishay Siliconix SI1012R_17 Datasheet HTML 5Page - Vishay Siliconix SI1012R_17 Datasheet HTML 6Page - Vishay Siliconix SI1012R_17 Datasheet HTML 7Page - Vishay Siliconix SI1012R_17 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vishay Siliconix
Si1012R, Si1012X
Document Number: 71166
S13-0786-Rev. E, 15-Apr-13
www.vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 5 V thru 1.8 V
VDS - Drain-to-Source Voltage (V)
1 V
0.0
0.8
1.6
2.4
3.2
4.0
0
200
400
600
800
1000
ID - Drain Current (mA)
VGS = 1.8 V
VGS = 4.5 V
VGS = 2.5 V
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
VDS = 10 V
ID = 250 mA
Qg - Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
200
400
600
800
1000
1200
0.0
0.5
1.0
1.5
2.0
2.5
125 °C
25 °C
VGS - Gate-to-Source Voltage (V)
TC = - 55 °C
0
20
40
60
80
100
04
8
12
16
20
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.60
0.80
1.00
1.20
1.40
1.60
- 50
- 25
0
25
50
75
100
125
VGS = 4.5 V
ID = 600 mA
TJ - Junction Temperature (°C)
VGS = 1.8 V
ID = 350 mA


Similar Part No. - SI1012R_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
More results

Similar Description - SI1012R_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com