Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1021R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1021R
Description  P-Channel 60 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1021R Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1021R Datasheet HTML 1Page - Vishay Siliconix SI1021R Datasheet HTML 2Page - Vishay Siliconix SI1021R Datasheet HTML 3Page - Vishay Siliconix SI1021R Datasheet HTML 4Page - Vishay Siliconix SI1021R Datasheet HTML 5Page - Vishay Siliconix SI1021R Datasheet HTML 6Page - Vishay Siliconix SI1021R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 71410
S10-2687-Rev. F, 22-Nov-10
Vishay Siliconix
Si1021R
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %.
b. Switching time is essentially independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 10 µA
- 60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = - 0.25 mA
- 1
- 3.0
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 10
µA
VDS = 0 V, VGS = ± 10 V
± 200
nA
VDS = 0 V, VGS = ± 10 V, TJ = 85 °C
± 500
VDS = 0 V, VGS = ± 5 V
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = - 50 V, VGS = 0 V
- 25
VDS = - 50 V, VGS = 0 V, TJ = 85 °C
- 250
On-State Drain Currenta
ID(on)
VDS = -10 V, VGS = - 4.5 V
- 50
mA
VDS = -10 V, VGS = - 10 V
- 600
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 25 mA
8
VGS = - 10 V, ID = - 500 mA
4
VGS = - 10 V, ID = - 500 mA, TJ = 125 °C
6
Forward Transconductance
gfs
VDS = - 10 V, ID = - 100 mA
80
mS
Diode Forward Voltagea
VSD
VDS = - 200 mA, VGS = 0 V
80
V
Dynamic
Total Gate Charge
Qg
VDS = - 30 V, VGS = - 15 V, ID  - 500 mA
1.7
nC
Gate-Source Charge
Qgs
0.26
Gate-Drain Charge
Qgd
0.46
Input Capacitance
Ciss
VDS = - 25 V, VGS = 0 V, f = 1 MHz
23
pF
Output Capacitance
Coss
10
Reverse Transfer Capacitance
Crss
5
Switchingb
Turn-On Time
tON
VDD = - 25 V, RL = 150 ,
ID  - 200 mA, VGEN = - 10 V, Rg = 10 
20
ns
Turn-Off Time
tOFF
35


Similar Part No. - SI1021R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1021R VISHAY-SI1021R Datasheet
54Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. C, 01-Jul-02
SI1021R VISHAY-SI1021R Datasheet
95Kb / 5P
   P-Channel 60-V (D-S) MOSFET
S-81543-Rev. D, 07-Jul-08
SI1021R VISHAY-SI1021R Datasheet
156Kb / 7P
   P-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI1021R-T1-E3 VISHAY-SI1021R-T1-E3 Datasheet
95Kb / 5P
   P-Channel 60-V (D-S) MOSFET
S-81543-Rev. D, 07-Jul-08
SI1021R-T1-GE3 VISHAY-SI1021R-T1-GE3 Datasheet
95Kb / 5P
   P-Channel 60-V (D-S) MOSFET
S-81543-Rev. D, 07-Jul-08
More results

Similar Description - SI1021R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com