Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN47A5 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN47A5
Description  TOSHIBA Transistor Silicon NPN PNP Epitaxial Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN47A5 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN47A5 Datasheet HTML 1Page - Toshiba Semiconductor RN47A5 Datasheet HTML 2Page - Toshiba Semiconductor RN47A5 Datasheet HTML 3Page - Toshiba Semiconductor RN47A5 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RN47A5
2002-01-30
2
Maximum Ratings (Ta
==== 25°C) (Q1)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
10
V
Collector current
IC
100
mA
Maximum Ratings (Ta
==== 25°C) (Q2)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-7
V
Collector current
IC
-100
mA
Maximum Ratings (Ta
==== 25°C) (Q1, Q2 common)
Characteristics
Symbol
Rating
Unit
Collector power dissipation
PC (Note)
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-55~150
°C
Note: Total rating


Similar Part No. - RN47A5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN47A5 TOSHIBA-RN47A5 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A5JE TOSHIBA-RN47A5JE Datasheet
273Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
More results

Similar Description - RN47A5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN49A1 TOSHIBA-RN49A1 Datasheet
98Kb / 4P
   TOSHIBA Transistor Silicon PNP 쨌 NPN Epitaxial Type
2SA2058 TOSHIBA-2SA2058 Datasheet
196Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2070 TOSHIBA-2SA2070 Datasheet
134Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2065 TOSHIBA-2SA2065 Datasheet
135Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type
TPC6602 TOSHIBA-TPC6602 Datasheet
134Kb / 5P
   TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE
2SA2056 TOSHIBA-2SA2056 Datasheet
191Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type
TMBT3906 TOSHIBA-TMBT3906 Datasheet
208Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type
2018-05-17
TPCP8901 TOSHIBA-TPCP8901 Datasheet
253Kb / 7P
   TOSHIBA Transistor Silicon NPN / PNP Epitaxial Type (PCT Process)
2SC5703 TOSHIBA-2SC5703 Datasheet
166Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
2SC5785 TOSHIBA-2SC5785 Datasheet
182Kb / 5P
   TOSHIBA Transistor Silicon NPN Epitaxial Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com