Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USBCA4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USBCA4
Description  USB Type-C SBU Multiplexer with MIC/AGND
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USBCA4 Datasheet(HTML) 1 Page - Texas Instruments

  TS3USBCA4 Datasheet HTML 1Page - Texas Instruments TS3USBCA4 Datasheet HTML 2Page - Texas Instruments TS3USBCA4 Datasheet HTML 3Page - Texas Instruments TS3USBCA4 Datasheet HTML 4Page - Texas Instruments TS3USBCA4 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type-C/PD
Controller
USB Host
Audio Codec
DP
PCIe
uP
MIC/GND
AUX
CK
Debug
SBU
DP/DM
SEL0,1, OEn
TS5USBA224
TS3USBCA420
USB 2.0
L/R
CC
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TS3USBCA4
SLLSF73 – FEBRUARY 2018
TS3USBCA4 USB Type-C SBU Multiplexer with MIC/AGND
1
1 Features
1
USB Type-C™ 4:1 (TS3USBCA420) and 3:1
(TS3USBCA410) Multiplexer (MUX) for Analog
Audio MIC/AGND, DisplayPort AUX, and Other
Signals
General Purpose MUX for 0 to 3.6 V Differential or
Single-ended Signals
Ultra Low RON of 60 mΩ for the AGND
Connections for Low Crosstalk Performance
Low Total Harmonic Distortion (THD)
High Bandwidth Channels up to 500 MHz
Supports Both Pin and I2C Configuration
Supports Operation from Either 3.3-V ±10%
Regulated Supply, or 2.4 to 5.5 V Battery
Industrial Temperature Range: –40ºC to 85ºC
TS3USBCA420I and TS3USBCA410I
Commercial Temperature Range: 0ºC to 70ºC
TS3USBCA420 and TS3USBCA410
1.8 mm x 2.6 mm, 16-pin, 0.4 mm Pitch QFN
package
2 Applications
Tablets
Notebooks
Desktops
Gaming Consoles
VR modules
3 Description
The TS3USBCA4 is a passive 4:1 (TS3USBCA420)
and 3:1 (TS3USBCA410) MUX supporting various
types of differential or single-ended signals on the
SBU1/SBU2 terminals of a USB Type-C connector to
different interfaces. Those signals can be differential
DisplayPort auxiliary (AUX), analog audio MIC and
AGND, PCIe differential clock, or any other supported
generic differential or single-ended signals.
The audio path features ultra-low ON-state resistance
(RON), low crosstalk and excellent total harmonic
distortion (THD). The break-before-make feature
prevents signal distortion during signal transfer from
one channel to another. The high-speed paths
support bandwidth as high as 500 MHz to provide
adequate support for DisplayPort AUX, PCIe clock,
and other similar signals. Together with low power
consumption,
these
features
make
this
device
suitable for portable audio applications.
The TS3USBCA4 wide supply range from 2.4 V to
5.5 V gives users the flexibility of powering it from a
single-cell battery, a 3.3-V regulator, or VBUS. It also
provides options for both commercial and industrial
temperature ranges.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS3USBCA4
UQFN (16)
1.80 mm × 2.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - TS3USBCA4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USBCA4 TI1-TS3USBCA4 Datasheet
1Mb / 40P
[Old version datasheet]   USB Type-C SBU Multiplexer
TS3USBCA410IRSVR TI1-TS3USBCA410IRSVR Datasheet
1Mb / 40P
[Old version datasheet]   USB Type-C SBU Multiplexer
TS3USBCA410IRSVT TI1-TS3USBCA410IRSVT Datasheet
1Mb / 40P
[Old version datasheet]   USB Type-C SBU Multiplexer
TS3USBCA410RSVR TI1-TS3USBCA410RSVR Datasheet
1Mb / 40P
[Old version datasheet]   USB Type-C SBU Multiplexer
TS3USBCA410RSVT TI1-TS3USBCA410RSVT Datasheet
1Mb / 40P
[Old version datasheet]   USB Type-C SBU Multiplexer
More results

Similar Description - TS3USBCA4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USBCA4 TI1-TS3USBCA4_18 Datasheet
1Mb / 40P
[Old version datasheet]   USB Type-C SBU Multiplexer
logo
NXP Semiconductors
NX20P0407 NXP-NX20P0407 Datasheet
496Kb / 18P
   USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
logo
Kinetic Technologies.
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1120 KINETIC-KTU1120 Datasheet
147Kb / 2P
   USB Type-C Port Protector for CC and SBU Pins
August 2021 - Revision 04a
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
   USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
KTU1121 KINETIC-KTU1121 Datasheet
704Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
December 2021 - Revision 04b
KTU1131 KINETIC-KTU1131 Datasheet
571Kb / 15P
   USB Type-C Port Protector for CC, SBU and D/- Pins
May 2022 - Revision 04d
logo
ON Semiconductor
FUSB251 ONSEMI-FUSB251 Datasheet
322Kb / 19P
   Type-C CC and SBU Protection IC
February, 2019 ??Rev. 0
logo
Diodes Incorporated
DPO2036 DIODES-DPO2036 Datasheet
1Mb / 14P
   4-CH OVER-VOLTAGE PROTECTION FOR CC/SBU PINS ON USB TYPE-C
July 2020
logo
Texas Instruments
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
[Old version datasheet]   USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com