Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5USBC410 Datasheet(PDF) 6 Page - Texas Instruments

Part # TS5USBC410
Description  Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5USBC410 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5USBC410 Datasheet HTML 2Page - Texas Instruments TS5USBC410 Datasheet HTML 3Page - Texas Instruments TS5USBC410 Datasheet HTML 4Page - Texas Instruments TS5USBC410 Datasheet HTML 5Page - Texas Instruments TS5USBC410 Datasheet HTML 6Page - Texas Instruments TS5USBC410 Datasheet HTML 7Page - Texas Instruments TS5USBC410 Datasheet HTML 8Page - Texas Instruments TS5USBC410 Datasheet HTML 9Page - Texas Instruments TS5USBC410 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6
TS5USBC41
SCDS377 – MARCH 2018
www.ti.com
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = –40°C to +85°C (Industrial), TA = 0℃ to 70℃ (Standard),VCC = 2.3 V to 5.5 V, GND = 0 V, Typical values are at VCC =
3.3 V, TA = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPD
Internal pull-down resistor on digital
input pins
6
CI
Digital input capacitance
SEL1, SEL2 = 0 V, 1.8 V or VCC
f = 1 MHz
3.4
pF
Protection
VOVP_TH
OVP positive threshold
4.5
4.8
5.2
V
VOVP_HYST
OVP threshold hysteresis
150
250
350
mV
VCLAMP_V
Maximum voltage to appear on D1±
and D2± pins during OVP scenario
(TS5USBC412, TS5USBC412I)
V= 0 to 18 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = Open
Switch on or off
OE = 0 V
0
9
V
VCLAMP_V
Maximum voltage to appear on D1±
and D2± pins during OVP scenario
(TS5USBC412, TS5USBC412I)
V= 0 to 18 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = 50Ω
Switch on or off
OE = 0 V
0
9
V
VCLAMP_V
Maximum voltage to appear on D1±
and D2± pins during OVP scenario
(TS5USBC410, TS5USBC410I)
V= 0 to 16 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = Open
Switch on or off
OE = 0 V
0
9
V
VCLAMP_V
Maximum voltage to appear on D1±
and D2± pins during OVP scenario
(TS5USBC410, TS5USBC410I)
V= 0 to 16 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = 50Ω
Switch on or off
OE = 0 V
0
9
V
VCLAMP_T
Maximum OVP transient duration
above 5 V
(TS5USBC412, TS5USBC412I)
V= 0 to 18 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = Open CL = 10pF
Switch on or off
OE = 0 V
60
95
ns
VCLAMP_T
Maximum OVP transient duration
above 5 V
(TS5USBC412, TS5USBC412I)
V= 0 to 18 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = 50Ω CL = 10pF
Switch on or off
OE = 0 V
60
95
ns
VCLAMP_T
Maximum OVP transient duration
above 5 V
(TS5USBC410, TS5USBC410I)
V= 0 to 16 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = Open CL = 10pF
Switch on or off
OE = 0 V
60
95
ns
VCLAMP_T
Maximum OVP transient duration
above 5 V
(TS5USBC410, TS5USBC410I)
V= 0 to 16 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = 50Ω CL = 10pF
Switch on or off
OE = 0 V
60
95
ns
tEN_OVP
OVP enable time
RPU = 10 kΩ to VCC (FLT)
CL = 35 pF
Refer to OVP Timing Diagram Figure
0.6
3
μs
tREC_OVP
OVP recovery time
RPU = 10 kΩ to VCC (FLT)
CL = 35 pF
Refer to OVP Timing Diagram Figure
1.5
5
μs


Similar Part No. - TS5USBC410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400I TI1-TS5USBC400I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPR TI1-TS5USBC400IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPT TI1-TS5USBC400IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400YFPR TI1-TS5USBC400YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
More results

Similar Description - TS5USBC410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBC402 TI1-TS5USBC402 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 20-V Overvoltage Protection
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
   Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
[Old version datasheet]   USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Integrated Device Techn...
IDT74FST163233 IDT-IDT74FST163233 Datasheet
82Kb / 6P
   16-BIT 2:1 MUX/DEMUX SWITCH
logo
Renesas Technology Corp
IDT74FST163233 RENESAS-IDT74FST163233 Datasheet
528Kb / 8P
   16-BIT 2:1 MUX/DEMUX SWITCH
OCTOBER 2008
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
   4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com