Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM39LV020-70JCE Datasheet(PDF) 6 Page - PMC-Sierra, Inc

Part # PM39LV020-70JCE
Description  512 Kbit / 1Mbit / 2Mbit / 4Mbit 3.0 Volt-only CMOS Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39LV020-70JCE Datasheet(HTML) 6 Page - PMC-Sierra, Inc

Back Button PM39LV020-70JCE Datasheet HTML 2Page - PMC-Sierra, Inc PM39LV020-70JCE Datasheet HTML 3Page - PMC-Sierra, Inc PM39LV020-70JCE Datasheet HTML 4Page - PMC-Sierra, Inc PM39LV020-70JCE Datasheet HTML 5Page - PMC-Sierra, Inc PM39LV020-70JCE Datasheet HTML 6Page - PMC-Sierra, Inc PM39LV020-70JCE Datasheet HTML 7Page - PMC-Sierra, Inc PM39LV020-70JCE Datasheet HTML 8Page - PMC-Sierra, Inc PM39LV020-70JCE Datasheet HTML 9Page - PMC-Sierra, Inc PM39LV020-70JCE Datasheet HTML 10Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Programmable Microelectronics Corp.
Issue Date: December, 2003 Rev: 1.2
PMC
Pm39LV512 / Pm39LV010 / Pm39LV020 / Pm39LV040
6
DEVICE OPERATION (CONTINUED)
CHIP ERASE
The entire memory array can be erased through a chip
erase operation. Pre-programs the devices are not
required prior to a chip erase operation. Chip erase starts
immediately after a six-bus-cycle chip erase command
sequence. All commands will be ignored once the chip
erase operation has started. The devices will return to
standby mode after the completion of chip erase.
SECTOR AND BLOCK ERASE
The memory array of Pm39LV512/010/020/040 are or-
ganized into uniform 4 Kbyte sectors. A sector erase
operation allows to erase any individual sector without
affecting the data in others. The memory array of
Pm39LV010/020/040, excluding Pm39LV512, are also
organized into uniform 64 Kbyte blocks (sector group -
consists of sixteen adjacent sectors). A block erase
operation allows to erase any individual block. The sec-
tor or block erase operation is similar to chip erase.
I/O7 DATA# POLLING
The Pm39LV512/010/020/040 provide a Data# Polling
feature to indicate the progress or completion of a pro-
gram and erase cycles. During a program cycle, an at-
tempt to read the devices will result in the complement
of the last loaded data on I/O7. Once the program op-
eration is completed, the true data of the last loaded
data is valid on all outputs. During a sector, block, or
chip erase cycle, an attempt to read the device will re-
sult a “0” on I/O7. After the erase operation is completed,
an attempt to read the device will result a “1” on I/O7.
I/O6 TOGGLE BIT
The Pm39LV512/010/020/040 also provide a Toggle Bit
feature to detect the progress or completion of a pro-
gram and erase cycles. During a program or erase cycle,
an attempt to read data from the device will result a
toggling between “1” and “0” on I/O6. When the program
or erase operation is complete, I/O6 will stop toggling
and valid data will be read. Toggle bit may be accessed
at any time during a program or erase cycle.
HARDWARE DATA PROTECTION
Hardware data protection protects the devices from un-
intentional erase or program operation. It is performed
in the following ways: (a) VCC sense: if VCC is below 1.8
V (typical), the write operation is inhibited. (b) Write in-
hibit: holding any of the signal OE# low, CE# high, or
WE# high inhibits a write cycle. (c) Noise filter: pulses
of less than 5 ns (typical) on the WE# or CE# input will
not initiate a write operation.
n
o
i
t
a
c
i
f
i
t
n
e
d
I
t
c
u
d
o
r
Pa
t
a
D
D
I
r
e
r
u
t
c
a
f
u
n
a
Mh
D
9
:
D
I
e
c
i
v
e
D
2
1
5
V
L
9
3
m
Ph
B
1
0
1
0
V
L
9
3
m
Ph
C
1
0
2
0
V
L
9
3
m
Ph
D
3
0
4
0
V
L
9
3
m
Ph
E
3
Table 1. Product Identification


Similar Part No. - PM39LV020-70JCE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39LV020-70JCE

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV512 EON-EN29LV512 Datasheet
403Kb / 35P
   512 Kbit (64K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Excel Semiconductor Inc...
ES29LV400E EXCELSEMI-ES29LV400E Datasheet
679Kb / 51P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
ES29LV400D EXCELSEMI-ES29LV400D Datasheet
685Kb / 52P
   4Mbit(512Kx 8/256K x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
logo
AMIC Technology
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A25L512 AMICC-A25L512_15 Datasheet
559Kb / 43P
   2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com