Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1L9225X01-Q0R0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1L9225X01-Q0R0
Description  RF AMP & SERVO SIGNAL PROCESSOR
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1L9225X01-Q0R0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1L9225X01-Q0R0 Datasheet HTML 1Page - Samsung semiconductor S1L9225X01-Q0R0 Datasheet HTML 2Page - Samsung semiconductor S1L9225X01-Q0R0 Datasheet HTML 3Page - Samsung semiconductor S1L9225X01-Q0R0 Datasheet HTML 4Page - Samsung semiconductor S1L9225X01-Q0R0 Datasheet HTML 5Page - Samsung semiconductor S1L9225X01-Q0R0 Datasheet HTML 6Page - Samsung semiconductor S1L9225X01-Q0R0 Datasheet HTML 7Page - Samsung semiconductor S1L9225X01-Q0R0 Datasheet HTML 8Page - Samsung semiconductor S1L9225X01-Q0R0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
RF AMP & SERVO SIGNAL PROCESSOR
S1L9225X
1
INTRODUCTION
As a pre-signal & servo signal processor for the DISC-MAN, S1L9225X is a low
voltage, low consumption current IC that can read CD-RW, and CD-R discs and
can be applied to various products, such as the CDP/VCD/CD-MP3 for the
DISC-MAN. It is a hard-wired free-adjustment servo, which automatically
controlled the control point of the pre-signal portion.
FEATURES
RF amplifier (CD, CD-R, CD-RW applicable)
Gain setting & monitoring for the CD-R, CD-RW DISC
Focus error amp & Febias adjustment
Tracking error amp & balance, gain adjustment
FOK, defect, mirror detect
Center voltage amplifier
APC (Automatic Power Control)
APC laser controller (Controlled by Tracking Summing Signal)
RF AGC & EQ control (AGC Level Control Compatible)
Enhanced EFM slice (Double Asymmetry Method)
Focus servo loop & offset adjustment
Tracking servo loop & offset adjustment
Sled servo loop
Spindle servo loop
Auto-sequence
Fast search mode (1 - 36000 track jump)
Interruption countermeasure
Focus & Tracking servo muting controlled by EFM duty check
RF peaking prevention system by EFM duty check
Focus, tracking, spindle loop pole move option
Operating voltage 2.7V
 3.3V
Power saving mode
<Notice> LPC Control used by side beam signal, it related to pick-up assurance.
When used pick-up, the specification is present extra.
ORDERING INFORMATION
Device
Package
Supply Voltage
Operating Temperature
S1L9225X01
Q0R0
64-LQFP-1414
2.7V
 3.3V
-20
°C
 +75°C
64-LQFP-1010


Similar Part No. - S1L9225X01-Q0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B01-Q0R0 SAMSUNG-S1L9223B01-Q0R0 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02 SAMSUNG-S1L9223B02 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02-T0R0 SAMSUNG-S1L9223B02-T0R0 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9224X01 SAMSUNG-S1L9224X01 Datasheet
385Kb / 55P
   VIDEO-CD 2ND GENERATION
More results

Similar Description - S1L9225X01-Q0R0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
KB9223 SAMSUNG-KB9223 Datasheet
614Kb / 34P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9226X SAMSUNG-S1L9226X Datasheet
454Kb / 56P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B02 SAMSUNG-S1L9223B02 Datasheet
750Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
logo
Rohm
BU9312AKS ROHM-BU9312AKS Datasheet
127Kb / 6P
   Servo signal processor for CD
logo
Sony Corporation
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
CXA1182Q-Z SONY-CXA1182Q-Z Datasheet
1Mb / 28P
   Servo Signal Processor for CD Plaer
CXA1992BR SONY-CXA1992BR Datasheet
718Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com