Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1M8657X01-E0T0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S1M8657X01-E0T0
Description  TX IF/BBA WITH AGC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8657X01-E0T0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S1M8657X01-E0T0 Datasheet HTML 2Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 3Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 4Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 5Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 6Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 7Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 8Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 9Page - Samsung semiconductor S1M8657X01-E0T0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
S1M8657
TX IF/BBA WITH AGC
6
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Power supply
V
CC
-0.5V to 3.6V
Storage temperature
T
STG
-55
°C to +125°C
Operating temperature
T
OPR
-30
°C to +85°C
Electrostatic discharge rating
HBM
± 1500V
MM
± 200V
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Value
Power supply
Vcc
2.7V to 3.6V
Ambient operating temperature
Ta
-30
°C to +85°C
ELECTRICAL CHARACTERISTICS (V
CC = 3.3V, Ta = 25°
°C)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Units
Current consumption
CDMA idle mode
ICRX
-
20
100
uA
Current consumption
FM idle mode
IFRX
-
20
100
uA
Current consumption
CDMA talk mode
AGC gain : Min
ICTX1
-
20
30
mA
CDMA talk mode
AGC gain : Max
ICTX2
-
40
50
mA
Current consumption
FM talk mode
AGC gain : Min
IFTX1
-
20
30
mA
FM talk mode
AGC gain : Max
IFTX2
-
40
50
mA
Logic high input
VIH
V
DD-0.4
-
-
V
Logic low input
VIL
-
-
0.4
V
Logic high output
VOH
V
DD-0.4
-
-
V
Logic low output
VOL
-
-
0.4
V
Digital input capacitance
CDI
-
-
5
pF
Digital output load capacitance
TXIF_OUT,
TXIF_OUT/
CDOL
-
-
5
pF
TCXO input impedance
Attach C = 2pF
ZTCXO
5
-
-
k


Similar Part No. - S1M8657X01-E0T0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
S1M8656A01-E0T0 SAMSUNG-S1M8656A01-E0T0 Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
S1M8656A01-F0T0 SAMSUNG-S1M8656A01-F0T0 Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
More results

Similar Description - S1M8657X01-E0T0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8660A SAMSUNG-S1M8660A Datasheet
198Kb / 32P
   RX IF / BBA WITH GPS
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
   MOPLL with IF AGC Amplifier
logo
DAICO Industries, Inc.
DHD08063 DAICO-DHD08063 Datasheet
30Kb / 1P
   IF / AGC HYBRID
logo
NEC
UPC8195K NEC-UPC8195K Datasheet
60Kb / 6P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
California Eastern Labs
UPC8195K CEL-UPC8195K Datasheet
206Kb / 7P
   TX-IF SiMMIC FOR W-CDMA AGC I/Q MODULATOR
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
PS20063 ETC2-PS20063 Datasheet
858Kb / 39P
   Image Reject MOPLL with IF AGC Amplifier
PS20060 ETC2-PS20060 Datasheet
1Mb / 39P
   MOPLL with IF AGC Amplifier Preliminary Information
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
   DTV IF AGC AMPLIFIER
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com