Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7820DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7820DN
Description  N-Channel 200-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7820DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7820DN Datasheet HTML 1Page - Vishay Siliconix SI7820DN Datasheet HTML 2Page - Vishay Siliconix SI7820DN Datasheet HTML 3Page - Vishay Siliconix SI7820DN Datasheet HTML 4Page - Vishay Siliconix SI7820DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D PWM-Optimized TrenchFETr Power MOSFET
D 100% Rg Tested
D Avalanche Tested
APPLICATIONS
D Primary Side Switch
− Telecom Power Supplies
− Distributed Power Architectures
− Miniature Power Modules
Si7820DN
Vishay Siliconix
New Product
Document Number: 72581
S-32411—Rev. B, 24-Nov-03
www.vishay.com
1
N-Channel 200-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
200
0.240 @ VGS = 10 V
2.6
200
0.250 @ VGS = 6 V
2.5
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
N-Channel MOSFET
G
D
S
Ordering Information: Si7820DN-T1—E3
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
2.6
1.7
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
2.1
1.3
A
Pulsed Drain Current
IDM
10
A
Continuous Source Current (Diode Conduction)a
IS
3.2
1.3
Single Avalanche Current
L = 0 1 mH
IAS
3.5
Single Avalanche Energy
L = 0.1 mH
EAS
0.6
mJ
Maximum Power Dissipationa
TA = 25_C
PD
3.8
1.5
W
Maximum Power Dissipationa
TA = 70_C
PD
2.0
0.8
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
26
33
Maximum Junction-to-Ambienta
Steady State
RthJA
65
81
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.9
2.4
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI7820DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7820DN VISHAY-SI7820DN Datasheet
532Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
SI7820DN VISHAY-SI7820DN_V01 Datasheet
532Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7820DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com