Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1276AN Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TA1276AN
Description  TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1276AN Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TA1276AN Datasheet HTML 5Page - Toshiba Semiconductor TA1276AN Datasheet HTML 6Page - Toshiba Semiconductor TA1276AN Datasheet HTML 7Page - Toshiba Semiconductor TA1276AN Datasheet HTML 8Page - Toshiba Semiconductor TA1276AN Datasheet HTML 9Page - Toshiba Semiconductor TA1276AN Datasheet HTML 10Page - Toshiba Semiconductor TA1276AN Datasheet HTML 11Page - Toshiba Semiconductor TA1276AN Datasheet HTML 12Page - Toshiba Semiconductor TA1276AN Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
TA1276AN
2002-03-29
9
PIN
No.
PIN NAME
FUNCTION
INTERFACE CIRCUIT
INPUT /
OUTPUT
SIGNAL
29
30
B S / H
G S / H
These pins are to be connected
with a capacitor for sampling and
holding a bais voltage in the AKB
operation, of for clamping to set DC
voltage of RGB outputs in the
no-AKB mode.
DC
31
VP output
Outputs the vertical pulse.
This pin also serves as the external
blanking input.
When current stronger than
350 µA flows, blanking takes place
due to the internal blanking and OR
logic circuit.
32
YS2
Switches between the internal RGB
signal and analog RGB (pin 33, 34,
35) signal.
When this switch is on, the VSM
output is muted.
33
34
35
Analog B
input
Analog G
input
Analog R
input
The pin through which the analog
RGB is input. Input the RGB signal
via clamp capacitor.
36
YS1
Switches between the internal RGB
signal and OSD / analog RGB (pin
37, 38, 39). When this switch is on,
the VSM output is muted.


Similar Part No. - TA1276AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1276AFG TOSHIBA-TA1276AFG Datasheet
1Mb / 83P
   PAL/NTSC Video Chroma And Deflection IC For CTV
More results

Similar Description - TA1276AN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com