Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLSE53T Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLSE53T
Description  TOSHIBA InGaALP LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSE53T Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLSE53T Datasheet HTML 2Page - Toshiba Semiconductor TLSE53T Datasheet HTML 3Page - Toshiba Semiconductor TLSE53T Datasheet HTML 4Page - Toshiba Semiconductor TLSE53T Datasheet HTML 5Page - Toshiba Semiconductor TLSE53T Datasheet HTML 6Page - Toshiba Semiconductor TLSE53T Datasheet HTML 7Page - Toshiba Semiconductor TLSE53T Datasheet HTML 8Page - Toshiba Semiconductor TLSE53T Datasheet HTML 9Page - Toshiba Semiconductor TLSE53T Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)53T
2002-01-17
6
TLOE53T
1.6
50
30
10
3
1
5
100
Ta
= 25°C
1.7
1.8
1.9
2.0
2.1
2.2
2.3
Forward voltage VF (V)
IF – VF
Forward current IF (mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
l (nm)
Relative luminous intensity – Wavelength
Ambient temperature Ta (°C)
IF – Ta
Radiation pattern
Ta
= 25°C
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
0
60
0
40
80
20
120
20
40
60
80
100
660
0.8
0
0.6
1.0
0.2
0.4
IF = 20 mA
Ta
= 25°C
640
620
600
580
560
540
20
-20
80
0.1
3
1
0.3
0.5
0
40
60
10
1
100
10000
1000
Ta
= 25°C
100
10


Similar Part No. - TLSE53T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSE53T TOSHIBA-TLSE53T Datasheet
284Kb / 12P
   Panel Circuit Indicators
TLSE53TF TOSHIBA-TLSE53TF Datasheet
284Kb / 12P
   Panel Circuit Indicators
More results

Similar Description - TLSE53T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGE23TP TOSHIBA-TLGE23TP Datasheet
178Kb / 7P
   TOSHIBA InGaALP LED
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
TLSU180P TOSHIBA-TLSU180P Datasheet
142Kb / 6P
   TOSHIBA InGaALP LED
TLGU53C TOSHIBA-TLGU53C Datasheet
184Kb / 9P
   TOSHIBA InGaAlP LED
TLOU262 TOSHIBA-TLOU262 Datasheet
164Kb / 6P
   TOSHIBA InGaALP LED
TLSU160 TOSHIBA-TLSU160 Datasheet
144Kb / 6P
   TOSHIBA InGaALP LED
TLSU124 TOSHIBA-TLSU124 Datasheet
255Kb / 6P
   TOSHIBA INGAALP LED
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLYH190P TOSHIBA-TLYH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Yellow Light Emission
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com