Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOTX170A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TOTX170A
Description  FIBER OPTIC TRANSMITTING MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOTX170A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TOTX170A Datasheet HTML 1Page - Toshiba Semiconductor TOTX170A Datasheet HTML 2Page - Toshiba Semiconductor TOTX170A Datasheet HTML 3Page - Toshiba Semiconductor TOTX170A Datasheet HTML 4Page - Toshiba Semiconductor TOTX170A Datasheet HTML 5Page - Toshiba Semiconductor TOTX170A Datasheet HTML 6Page - Toshiba Semiconductor TOTX170A Datasheet HTML 7Page - Toshiba Semiconductor TOTX170A Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TOTX170A
2001-06-13
1
FIBER OPTIC TRANSMITTING MODULE
TOTX170A
FIBER OPTIC TRANSMITTING
MODULE FOR SIMPLEX DIGITAL
SIGNAL TRANSMISSION
l Data rate : DC to 6 Mb / s (NRZ code)
l Transmission distance : Up to 40 m
l TTL interface
l LED is driven by Differential cuicuit
1. Maximum Ratings (Ta = 25°C)
PARAMETER
SYMBOL
RATING
UNIT
Storage Temperature
Tstg
−40 to 70
°C
Operating Temperature
Topr
−40 to 70
°C
Supply Voltage
VCC
−0.5 to 7
V
Input Voltage
VIN
−0.5 to
VCC + 0.5
V
Soldering Temperature
Tsol
260 (Note 1)
°C
Note 1: Soldering time ≤ 3 s (More than 1 mm apart from the package).
Handling precaution: The LEDs used in this product contain GaAs (Gallium Arsenide).
Care must be taken to protect the safety of people and the
environment when scrapping or terminal processing.
Unit : mm


Similar Part No. - TOTX170A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX173 TOSHIBA-TOTX173 Datasheet
117Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE FOR DIGITAL AUDIO EQUIPMENT
TOTX176 TOSHIBA-TOTX176 Datasheet
121Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178 TOSHIBA-TOTX178 Datasheet
322Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178A TOSHIBA-TOTX178A Datasheet
143Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
More results

Similar Description - TOTX170A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
   Fiber Optic Transmitting Module
KFO-TX08CB KODENSHI-KFO-TX08CB Datasheet
194Kb / 1P
   Fiber Optic Transmitting Module
logo
Toshiba Semiconductor
TOTX194 TOSHIBA-TOTX194 Datasheet
140Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX179 TOSHIBA-TOTX179 Datasheet
114Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX195 TOSHIBA-TOTX195 Datasheet
139Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX13SA KODENSHI-KFO-TX13SA Datasheet
188Kb / 1P
   Fiber Optic Transmitting Module
logo
Toshiba Semiconductor
TOTX176 TOSHIBA-TOTX176 Datasheet
121Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX140 TOSHIBA-TOTX140 Datasheet
116Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com