Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1611 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS1611
Description  TRIAC Dimmable LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1611 Datasheet(HTML) 1 Page - Cirrus Logic

  CS1611 Datasheet HTML 1Page - Cirrus Logic CS1611 Datasheet HTML 2Page - Cirrus Logic CS1611 Datasheet HTML 3Page - Cirrus Logic CS1611 Datasheet HTML 4Page - Cirrus Logic CS1611 Datasheet HTML 5Page - Cirrus Logic CS1611 Datasheet HTML 6Page - Cirrus Logic CS1611 Datasheet HTML 7Page - Cirrus Logic CS1611 Datasheet HTML 8Page - Cirrus Logic CS1611 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
 Cirrus Logic, Inc. 2012
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS1610/11
CS1612/13
TRIAC Dimmable LED Driver IC
Features & Description
• Best-in-Class Dimmer Compatibility
-
Leading-edge (TRIAC) Dimmers
-
Trailing-edge Dimmers
-
Digital Dimmers (with Integrated Power Supply)
• Up to 90% Efficiency
• Flicker-free Dimming
• 0% Minimum Dimming Level
• Quasi-resonant Second Stage with Constant-current Output
-
Flyback and Buck
• Fast Startup
• Tight LED Current Regulation: Better than ±5%
• Primary-side Regulation (PSR)
• >0.9 Power Factor
• IEC-61000-3-2 Compliant
•Soft Start
• Protections:
-
Output Open/Short
-
Current-sense Resistor Open/Short
-
External Overtemperature Using NTC
Overview
The CS1610/11/12/13 is a digital control IC engineered to deliver
a high-efficiency, cost-effective, flicker-free, phase-dimmable,
solid-state lighting (SSL) solution for the incandescent lamp
replacement market. The CS1610/11 is designed to control a
quasi-resonant flyback topology. The CS1612/13 is designed to
control a buck topology. The CS1610/12 and CS1611/13 are
designed for 120VAC and 230VAC line voltage applications,
respectively.
The CS1610/11/12/13 integrates a critical conduction mode
(CRM) boost converter that provides power factor correction and
dimmer compatibility with a constant output current, quasi-
resonant second stage. An adaptive dimmer compatibility
algorithm controls the boost stage and dimmer compatibility
operation mode to enable flicker-free operation to <2% output
current with leading-edge, trailing-edge, and digital dimmers
(dimmers with an integrated power supply).
Applications & Description
• Dimmable Retrofit LED Lamps
• Dimmable LED Luminaries
• Offline LED Drivers
• Commercial Lighting
Ordering Information
See page 14
.
T1
D8
C9
LED+
LED-
D7
R12
NTC
Z2
C8
R11
D6
R8
R13
RFBGAIN
Q4
CS1610 /11
IAC
SOURCE
FBGAIN
FBAUX
BSTOUT
GND
SGND
13
16
5
4
IPK
CLAMP
GD
FBSENSE
eOTP
15
8
9
10
12
11
1
14
2
BSTAUX
VDD
Q3
R10
3
RS
CNTC
R9
RIPK
BR1
BR1
AC
Mains
C7
L1
D2
BR1
BR1
D5
L2
C2
R4
R6
R7
Q2
Z1
C4
C3
R2
D1
R1
C1
R5
C6
D4
D3
C5
Q1
R3
Vrect
V
BS T
MAR’12
DS929F3


Similar Part No. - CS1611

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1611 APEX-CS1611 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1611A CIRRUS-CS1611A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
More results

Similar Description - CS1611

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610A CIRRUS-CS1610A Datasheet
264Kb / 18P
   TRIAC Dimmable LED Driver IC
CS1630 APEX-CS1630 Datasheet
699Kb / 56P
   2-Channel TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com