Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4102K Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TPD4102K
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4102K Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD4102K Datasheet HTML 4Page - Toshiba Semiconductor TPD4102K Datasheet HTML 5Page - Toshiba Semiconductor TPD4102K Datasheet HTML 6Page - Toshiba Semiconductor TPD4102K Datasheet HTML 7Page - Toshiba Semiconductor TPD4102K Datasheet HTML 8Page - Toshiba Semiconductor TPD4102K Datasheet HTML 9Page - Toshiba Semiconductor TPD4102K Datasheet HTML 10Page - Toshiba Semiconductor TPD4102K Datasheet HTML 11Page - Toshiba Semiconductor TPD4102K Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TPD4102K
2002-12-18
8
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VBB
¾
50
¾
400
Operating power supply voltage
VCC
¾
13.5
15
17.5
V
IBB
VBB = 400V
Duty cycle
= 0%
¾
0.1
0.5
ICC
VCC = 15 V
Duty cycle
= 0%
¾
1.8
10
mA
IBS (ON)
VBS = 15 V, high side ON
¾
355
470
Current dissipation
IBS (OFF)
VBS = 15V, high side OFF
¾
315
415
mA
VIH
VIN = H
3.5
¾
¾
Input voltage
VIL
VIN = L
¾
¾
1.5
V
IIH
VIN = VREG
¾
¾
100
Input current
IIL
VIN = 0 V
¾
¾
100
mA
VCEsatH
VCC = 15 V, IC = 0.5 A
¾
2.3
3.0
Output saturation voltage
VCEsatL
VCC = 15 V, IC = 0.5 A
¾
2.3
3.0
V
VFH
IF
= 0.5 A, high side
¾
1.3
2.1
FRD forward voltage
VFL
IF
= 0.5 A, low side
¾
1.2
1.8
V
BSD forward voltage
VF (BSD)
IF
= 500 mA
¾
0.8
1.2
V
PWMMIN
¾
0
¾
¾
PWM ON-duty cycle
PWMMAX
¾
¾
¾
100
%
PWM ON-duty cycle, 0%
VVS0%
PWM
= 0%
1.7
2.1
2.5
V
PWM ON-duty cycle, 100%
VVS100%
PWM
= 100%
4.9
5.4
6.1
V
PWM ON-duty voltage range
VVSW
VVS100% - VVS0%
2.8
3.3
3.8
V
Output all-OFF voltage
VVSOFF
Output all OFF
1.1
1.3
1.5
V
Regulator voltage
VREG
VCC = 15 V, IO = 30 mA
5
6
7
V
Speed control voltage range
VS
¾
0
¾
6.5
V
FG output saturation voltage
VFGsat
IFG
= 20 mA
¾
¾
0.5
V
Current control voltage
VR
¾
0.45
0.5
0.55
V
Thermal shutdown temperature
TSD
¾
150
165
200
°C
Thermal shutdown hysteresis
DTSD
¾
¾
20
¾
°C
VCC under voltage protection
VCCUVD
¾
10
11
12
V
VCC under voltage protection
recovery
VCCUVR
¾
10.5
11.5
12.5
V
VBS under voltage protection
VBSUVD
¾
9
10
11
V
VBS under voltage protection recovery
VBSUVR
¾
9.5
10.5
11.5
V
Refresh operating ON voltage
TRFON
Refresh operation
1.1
1.3
1.5
V
Refresh operating OFF voltage
TRFOFF
Refresh operation OFF
3.1
3.8
4.6
V
Triangular wave frequency
fc
R
= 27 kW, C = 1000 pF
16.5
20
25
kHz
Output on delay time
ton
VBB = 280 V, VCC = 15 V, IC = 0.5 A
¾
2.0
3.5
ms
Output off delay time
toff
VBB = 280 V, VCC = 15 V, IC = 0.5 A
¾
1.5
3
ms
FRD reverse recovery time
trr
VBB = 280 V, VCC = 15 V, IC = 0.5 A
¾
200
¾
ns


Similar Part No. - TPD4102K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104K TOSHIBA-TPD4104K Datasheet
406Kb / 24P
   DC brush less motor driver using high voltage PWM control
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4102K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135K TOSHIBA-TPD4135K Datasheet
371Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com