Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T40HFL40S10 Datasheet(PDF) 3 Page - International Rectifier

Part # T40HFL40S10
Description  FAST RECOVERY DIODES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

T40HFL40S10 Datasheet(HTML) 3 Page - International Rectifier

  T40HFL40S10 Datasheet HTML 1Page - International Rectifier T40HFL40S10 Datasheet HTML 2Page - International Rectifier T40HFL40S10 Datasheet HTML 3Page - International Rectifier T40HFL40S10 Datasheet HTML 4Page - International Rectifier T40HFL40S10 Datasheet HTML 5Page - International Rectifier T40HFL40S10 Datasheet HTML 6Page - International Rectifier T40HFL40S10 Datasheet HTML 7Page - International Rectifier T40HFL40S10 Datasheet HTML 8Page - International Rectifier T40HFL40S10 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.irf.com
T..HFL Series
Bulletin I27107 rev. A 09/97
T
J
Junction operating temp.
-40 to 125
oC
T
stg
Storage temperature range
-40 to 150
oC
R
thJC
Max. internal thermal
resistance junction to case
R
thC-S
Thermal resistance, case
Mounting surface flat, smooth and greased.
to heatsink
Per module
T
Mounting
Base to
1.3 ±10%
Nm
M3.5 mounting screws(2)
torque ±10% heatsink
Non-lubricated threads
Busbar to Terminal
3 ±10%
Nm
M5 screws terminals; non-lubricated threads
wt
Approximate weight
54 (19)
g (oz) See outline table
Case style
D-56
T-MODULE
(2) A mounting compound is recommended and the torque should be rechecked after a period of about 3 hours to allow for the
spread of the compound
(*) Tested on LEM 300A Diodemeter Tester
0.2
K/W
Thermal and Mechanical Specifications
0.85
0.53
0.46
K/W Per module, DC operation
T40HFL
T70HFL
T85HFL
Parameter
Units
Conditions (*)
S02 S05 S10 S02 S05 S10 S02 S05 S10
t
rr
Maximum reverse
T
J
= 25 °C, -di
F
/dt = 100A/
µs
recovery time
I
F
= 1 A to V
R
= 30V
T
J
= 25 °C, -di
F
/dt = 25A/
µs
I
FM
=
π x rated I
F(AV),
V
R
= -30 V
Q
rr
Maximum reverse
T
J
= 25 °C, -di
F
/dt = 100A/
µs
recovered charge
I
F
= 1 A to V
R
= 30V
T
J
= 25 °C, -di
F
/dt = 25A/
µs
I
FM
=
π x rated I
F(AV)
V
R
= -30 V
200
500 1000 200 500 1000 200 500 1000
ns
0.25
0.4
1.35 0.25 0.4 1.35 0.3
0.6
1.6
µC
0.55
2.0
8.0
0.6
2.1
8.5
0.8
3.5
1.5
µC
70
110
270
70
110
270
80
120
290
ns
Reverse Recovery Characteristics
Sinusoidal conduction @ TJ max.
Rectangular conduction @ TJ max.
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
T40HFL
0.06
0.08
0.10
0.14
0.24
0.05
0.08
0.10
0.15
0.24
K/W
T70HFL
0.05
0.06
0.08
0.11
0.19
0.04
0.06
0.08
0.12
0.19
T85HFL
0.04
0.05
0.06
0.09
0.15
0.03
0.05
0.07
0.09
0.015
∆R Conduction
(The following table shows the increment of thermal resistance R
thJC
when devices operate at different conduction angles than DC)
Parameters
T40HFL T70HFL T85HFL
Units Conditions


Similar Part No. - T40HFL40S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL40S10 VISHAY-T40HFL40S10 Datasheet
409Kb / 15P
   Fast Recovery Diodes, 40/70/85 A (T-Modules)
Revision: 13-Feb-08
T40HFL40S10 VISHAY-T40HFL40S10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
More results

Similar Description - T40HFL40S10

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com