Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1330EDL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1330EDL
Description  N-Channel 60 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1330EDL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1330EDL_17 Datasheet HTML 1Page - Vishay Siliconix SI1330EDL_17 Datasheet HTML 2Page - Vishay Siliconix SI1330EDL_17 Datasheet HTML 3Page - Vishay Siliconix SI1330EDL_17 Datasheet HTML 4Page - Vishay Siliconix SI1330EDL_17 Datasheet HTML 5Page - Vishay Siliconix SI1330EDL_17 Datasheet HTML 6Page - Vishay Siliconix SI1330EDL_17 Datasheet HTML 7Page - Vishay Siliconix SI1330EDL_17 Datasheet HTML 8Page - Vishay Siliconix SI1330EDL_17 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 72861
S10-0721-Rev. B, 29-Mar-10
Vishay Siliconix
Si1330EDL
Notes:
a. Pulse test: PW
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
a
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 10 µA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1
2.0
2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 10 V
± 1
µA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
VDS = 60 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currentb
ID(on)
VGS = 10 V, VDS = 7.5 V
0.5
A
VGS = 4.5 V, VDS = 10 V
0.4
VGS = 3 V, VDS = 10 V
0.05
Drain-Source On-Resistanceb
RDS(on)
VGS = 10 V, ID = 0.25 A
1.0
2.5
Ω
VGS = 4.5 V, ID = 0.2 A
1.4
3
VGS = 3 V, ID = 0.025 A
3.0
8
Forward Transconductanceb
gfs
VDS = 10 V, ID = 0.25 A
350
mS
Diode Forward Voltage
VSD
IS = 0.23 A, VGS = 0 V
0.83
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V
ID ≅ 0.25 A
0.4
0.6
nC
Gate-Source Charge
Qgs
0.11
Gate-Drain Charge
Qgd
0.15
Gate Resistance
Rg
173
Ω
Turn-On Time
td(on)
VDD = 30 V, RL = 150 Ω
ID ≅ 0.2 A, VGEN = 10 V
Rg = 10 Ω
3.8
10
ns
tr
4.8
15
Turn-Off Time
td(off)
12.8
20
tf
9.6
15
Output Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
012345
VDS - Drain-to-Source Voltage (V)
VGS = 10 V, 7 V
3 V
5 V
4 V
6 V
Transfer Characteristics
012345
VGS - Gate-to-Source Voltage (V)
TJ = - 55 °C
125 °C
25 °C
1.0
0.8
0.6
0.2
0
0.4


Similar Part No. - SI1330EDL_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1330EDL VISHAY-SI1330EDL_10 Datasheet
99Kb / 5P
   N-Channel 60 V (D-S) MOSFET
Rev. B, 29-Mar-10
More results

Similar Description - SI1330EDL_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com