Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1427EDH Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI1427EDH
Description  P-Channel 20 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1427EDH Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI1427EDH Datasheet HTML 4Page - Vishay Siliconix SI1427EDH Datasheet HTML 5Page - Vishay Siliconix SI1427EDH Datasheet HTML 6Page - Vishay Siliconix SI1427EDH Datasheet HTML 7Page - Vishay Siliconix SI1427EDH Datasheet HTML 8Page - Vishay Siliconix SI1427EDH Datasheet HTML 9Page - Vishay Siliconix SI1427EDH Datasheet HTML 10Page - Vishay Siliconix SI1427EDH Datasheet HTML 11Page - Vishay Siliconix SI1427EDH Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AN815
Vishay Siliconix
Document Number: 71334
12-Dec-03
www.vishay.com
3
Time (Secs)
FIGURE 4.
Leadframe Comparison on EVB
0
1
400
80
160
100
1000
240
10
10-1
10-2
10-3
10-4
10-5
Alloy
42
320
Time (Secs)
FIGURE 5.
Leadframe Comparison on Alloy 42 1-inch2 PCB
0
1
250
50
100
100
1000
150
10
10-1
10-2
10-3
10-4
10-5
200
Copper
Copper
Alloy
42


Similar Part No. - SI1427EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1427EDH VISHAY-SI1427EDH Datasheet
268Kb / 12P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 14-Mar-11
SI1427EDH VISHAY-SI1427EDH Datasheet
270Kb / 12P
   P-Channel 20 V (D-S) MOSFET
09-Jul-2021
SI1427EDH VISHAY-SI1427EDH Datasheet
270Kb / 12P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1427EDH-T1-GE3 VBSEMI-SI1427EDH-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1427EDH-T1-GE3 VISHAY-SI1427EDH-T1-GE3 Datasheet
270Kb / 12P
   P-Channel 20 V (D-S) MOSFET
09-Jul-2021
More results

Similar Description - SI1427EDH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com