Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G175GV Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC1G175GV
Description  Single D-type flip-flop with reset; positive-edge trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G175GV Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G175GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G175GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G175GV Datasheet HTML 9Page - NXP Semiconductors 74LVC1G175GV Datasheet HTML 10Page - NXP Semiconductors 74LVC1G175GV Datasheet HTML 11Page - NXP Semiconductors 74LVC1G175GV Datasheet HTML 12Page - NXP Semiconductors 74LVC1G175GV Datasheet HTML 13Page - NXP Semiconductors 74LVC1G175GV Datasheet HTML 14Page - NXP Semiconductors 74LVC1G175GV Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
9397 750 13762
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 18 October 2004
11 of 17
Philips Semiconductors
74LVC1G175
Single D-type flip-flop with reset; positive-edge trigger
Measurement points are given in Table 9.
VOL and VOH are typical output voltage drop that occur with the output load.
Fig 7.
The master reset (MR) input to output (Q) propagation delays, the master reset
pulse width and the MR to CP removal time.
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse
generator.
Fig 8.
Load circuitry for switching times.
Table 10:
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
30 pF
1 k
open
GND
2
× VCC
2.3 V to 2.7 V
VCC
30 pF
500
open
GND
2
× VCC
2.7 V
2.7 V
50 pF
500
open
GND
6 V
3.0 V to 3.6 V
2.7 V
50 pF
500
open
GND
6 V
4.5 V to 5.5 V
VCC
50 pF
500
open
GND
2
× V
CC
001aaa464
MR input
CP input
Q output
tPHL
tW
trem
VM
VI
GND
VI
VOH
VOL
GND
VM
VM
VEXT
VCC
VI
VO
mna616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR


Similar Part No. - 74LVC1G175GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G175GV NXP-74LVC1G175GV Datasheet
100Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
logo
Nexperia B.V. All right...
74LVC1G175GV NEXPERIA-74LVC1G175GV Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175GV-Q100 NEXPERIA-74LVC1G175GV-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
More results

Similar Description - 74LVC1G175GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G175 NEXPERIA-74LVC1G175 Datasheet
268Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 10 - 27 January 2022
74LVC1G175-Q100 NEXPERIA-74LVC1G175-Q100 Datasheet
221Kb / 13P
   Single D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LVC1G175GW.125 NXP-74LVC1G175GW.125 Datasheet
139Kb / 20P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 5-6 December 2011
74LVC1G175 NXP-74LVC1G175 Datasheet
100Kb / 17P
   Single D-type flip-flop with reset; positive-edge trigger
Rev. 03-21 May 2007
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com