Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA278 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA278
Description  Band-switching diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA278 Datasheet(HTML) 2 Page - NXP Semiconductors

  BA278 Datasheet HTML 1Page - NXP Semiconductors BA278 Datasheet HTML 2Page - NXP Semiconductors BA278 Datasheet HTML 3Page - NXP Semiconductors BA278 Datasheet HTML 4Page - NXP Semiconductors BA278 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2001 Jan 15
2
Philips Semiconductors
Preliminary specification
Band-switching diode
BA278
FEATURES
• Small plastic SMD package
• Continuous reverse voltage: max. 35 V
• Continuous forward current: max. 100 mA
• Low diode capacitance: max. 1.2 pF
• Low diode forward resistance: max. 0.7 Ω.
APPLICATIONS
• Low loss band switching in VHF television tuners.
• Surface mount band-switching circuits.
DESCRIPTION
Planar high performance band-switching diode in a small
plastic SOD523V SMD package.
PINNING
PIN
DESCRIPTION
1
cathode
2
anode
Fig.1
Simplified outline (SOD523V)
and symbol.
Marking code:
handbook, halfpage
12
;
Top view
MAM399
12
Top view
MBK258
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
35
V
IF
continuous forward current
100
mA
Ptot
total power dissipation
Ts =90
°C
715
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
ELECTRICAL CHARACTERISTICS
Tj = 25
°C unless otherwise specified.
Note
1.
Guaranteed on AQL basis: inspection level S4, AQL 1.0.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF =10 mA
1
V
IR
reverse current
VR =25V
50
nA
VR =20V; Tamb =75
°C1
µA
Cd
diode capacitance
f = 1 MHz; VR = 6 V; note 1; see Fig.2
1.2
pF
rD
diode forward resistance
IF = 2 mA; f = 100 MHz; note 1; see Fig.3
0.7
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering-point
85
K/W


Similar Part No. - BA278

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA278 NXP-BA278 Datasheet
88Kb / 5P
   Band-switching diode
2001 Jan 15
More results

Similar Description - BA278

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
   Band-switching diode
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
   Band-switching diode
1998 May 08
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
   Band-switching diode
Rev. 04-8 January 2008
logo
Rohm
DAN235ETL ROHM-DAN235ETL Datasheet
321Kb / 6P
   Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
   Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
   Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
   Band Switching Diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
   Band switching diode
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
   BAND SWITCHING DIODE
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
   Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS277WT SEMTECH_ELEC-1SS277WT_11 Datasheet
504Kb / 3P
   BAND SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com